Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UH6PJ Datasheet (PDF) - Vishay Siliconix

UH6PJ Datasheet PDF - Vishay Siliconix
Part # UH6PJ
Download  UH6PJ Download
File Size   89.87 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Ultrafast High Voltage Rectifier

UH6PJ Datasheet (PDF)

Go To PDF Page Download Datasheet
UH6PJ Datasheet PDF - Vishay Siliconix

Part # UH6PJ
Download  UH6PJ Click to download

File Size   89.87 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Ultrafast High Voltage Rectifier

UH6PJ Datasheet (HTML) - Vishay Siliconix


UH6PJ Product details

FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Oxide planar chip junction
• Ultrafast recovery time
• Soft recovery characteristics
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition

MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test




Similar Part No. - UH6PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH6PJ VISHAY-UH6PJ Datasheet
109Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
29-Jul-08
UH6PJ VISHAY-UH6PJ Datasheet
89Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
19-Apr-11
UH6PJ-E3/86A VISHAY-UH6PJ-E3/86A Datasheet
109Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
29-Jul-08
UH6PJ-E3/87A VISHAY-UH6PJ-E3/87A Datasheet
109Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
29-Jul-08
UH6PJ-M3-86A VISHAY-UH6PJ-M3-86A Datasheet
89Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
19-Apr-11
More results


Similar Description - UH6PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
UH6PJ VISHAY-UH6PJ Datasheet
109Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
29-Jul-08
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
UH6PD VISHAY-UH6PD Datasheet
93Kb / 5P
High Current Density Surface Mount Ultrafast Rectifier
19-Apr-11
UH6PJ VISHAY-UH6PJ_11 Datasheet
89Kb / 5P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
logo
Bruckewell Technology L...
UFP560 BWTECH-UFP560 Datasheet
215Kb / 3P
High Current Density Surface Mount Ultrafast High Voltage Rectifier
logo
Vishay Siliconix
SS8PH9 VISHAY-SS8PH9_V01 Datasheet
109Kb / 5P
High Current Density Surface-Mount High Voltage Schottky Rectifier
24-Apr-2020
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
UH6PD VISHAY-UH6PD_V01 Datasheet
93Kb / 5P
High Current Density Surface Mount Ultrafast Rectifier
19-Apr-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com