Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGA2576-2-FLEVB Datasheet (PDF) - Qorvo, Inc

TGA2576-2-FLEVB Datasheet PDF - Qorvo, Inc
Part # TGA2576-2-FLEVB
Download  TGA2576-2-FLEVB Download
File Size   568.25 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.5 ??6.0 GHz 40 W GaN Power Amplifier

TGA2576-2-FLEVB Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2576-2-FLEVB Datasheet PDF - Qorvo, Inc

Part # TGA2576-2-FLEVB
Download  TGA2576-2-FLEVB Click to download

File Size   568.25 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.5 ??6.0 GHz 40 W GaN Power Amplifier

TGA2576-2-FLEVB Datasheet (HTML) - Qorvo, Inc


TGA2576-2-FLEVB Product details

Key Features
Frequency Range: 2.5 to 6 GHz
PSAT: 46.5 dBm (PIN = 26 dBm)
PAE: 36% (PIN = 26 dBm)
Small Signal Gain: 29 dB
Bias: Pulse VD = 30 V, IDQ = 1.55 A
Dimensions: 11.4 x 17.3 x 3.0 mm




Similar Part No. - TGA2576-2-FLEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2576-2-FL TRIQUINT-TGA2576-2-FL Datasheet
647Kb / 11P
2.5 to 6GHz 40W GaN Power Amplifier
TGA2576-2-FL TRIQUINT-TGA2576-2-FL_15 Datasheet
647Kb / 11P
2.5 to 6GHz 40W GaN Power Amplifier
More results


Similar Description - TGA2576-2-FLEVB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0066-DIE MACOM-MAAPGM0066-DIE Datasheet
316Kb / 8P
Amplifier, Power, 2 W 2.5-6.0 GHz
logo
Cree, Inc
CGHV60040D CREE-CGHV60040D Datasheet
654Kb / 7P
40 W, 6.0 GHz, GaN HEMT Die
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.3
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
5.0 ??6.0 GHz 50 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CGHV60040D WOLFSPEED-CGHV60040D Datasheet
1Mb / 8P
40 W, 6.0 GHz, GaN HEMT Die
Rev. 1.3, 2022-12-12
CMPA0060002F1 WOLFSPEED-CMPA0060002F1 Datasheet
1Mb / 10P
2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com