Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX30P6093 Datasheet (PDF) - NXP Semiconductors

NX30P6093 Datasheet PDF - NXP Semiconductors
Part # NX30P6093
Download  NX30P6093 Download
File Size   2987.43 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-voltage I2C controlled overvoltage protection load switch

NX30P6093 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX30P6093 Datasheet PDF - NXP Semiconductors

Part # NX30P6093
Download  NX30P6093 Click to download

File Size   2987.43 Kbytes
Page   34 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-voltage I2C controlled overvoltage protection load switch

NX30P6093 Datasheet (HTML) - NXP Semiconductors


NX30P6093 Product details

General description
NX30P6093 is an 8 A I2C controlled overvoltage protection load switch for USB Type-C
and PD applications. It includes undervoltage lockout, overvoltage lockout and
overtemperature protection circuits, designed to automatically isolate the power switch
terminals when a fault condition occurs. It features input pin impedance detection function,
providing USB power supply pin status to system to avoid short circuit damage for the
Type-C port power supply pin.
NX30P6093 has a default overvoltage protection threshold, and the OVLO threshold can
be adjusted by both external resistor divider on ADJ pin and internal I2C register. A
22.5 ms debounce time is deployed every time before the device is switched ON, followed
by a soft start to limit the inrush current.
Designed for operation from 2.8 V to 20.0 V, it can be used in USB Type-C and PD power
control applications to offer essential protection and enhance system reliability.
NX30P6093 is offered in a small 20-bump 1.7 x 2.16 mm, 0.4 mm pitch WLCSP package.

Features and benefits
 Wide supply voltage range for VIN from 2.8 V to 20.0 V
 System Power supply VDD from 3.0 V to 4.5 V
 ISW maximum 8 A continuous current
 29 V tolerance on VIN pin
 8.95 m (typical) ultra-low ON resistance
 Adjustable VIN overvoltage protection by both external resistor and I2C
 Built in slew rate control for inrush current limit
 Integrated current source for VIN pin impedance detection
 Protection circuitry
 Overtemperature protection
 Overvoltage protection
 Undervoltage lockout
 Surge protection:
 IEC61000-4-5 exceeds 100 V on VIN
 ESD protection
 IEC61000-4-2 contact discharge exceeds 8 kV on VIN
 IEC61000-4-2 air discharge exceeds 15 kV on VIN
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 3 kV on all pins
 MM Class B exceeds 100 V on all the pins
 Specified from 40 C to +85 C

Applications
 Smart and feature phones
 Tablets, eBooks
 Notebook




Similar Part No. - NX30P6093

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX30P6093A NXP-NX30P6093A Datasheet
1Mb / 33P
High-voltage I2C controlled OVP load switch with OTG
Rev. 1-16 August 2018
NX30P6093A NXP-NX30P6093A Datasheet
1Mb / 32P
High-voltage I2C controlled OVP load switch with OTG
Rev. 2.1-6 April 2022
NX30P6093AUK NXP-NX30P6093AUK Datasheet
1Mb / 33P
High-voltage I2C controlled OVP load switch with OTG
Rev. 1-16 August 2018
NX30P6093AUK NXP-NX30P6093AUK Datasheet
1Mb / 32P
High-voltage I2C controlled OVP load switch with OTG
Rev. 2.1-6 April 2022
NX30P6093AUKZ NXP-NX30P6093AUKZ Datasheet
1Mb / 33P
High-voltage I2C controlled OVP load switch with OTG
Rev. 1-16 August 2018
More results


Similar Description - NX30P6093

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6399 MAXIM-MAX6399 Datasheet
637Kb / 10P
High-Voltage, Overvoltage/Undervoltage, Protection Switch Controller
Rev 1; 3/06
logo
Linear Technology
LTC4099 LINER-LTC4099 Datasheet
367Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
I2C Controlled USB Power Manager/Charger with Overvoltage Protection
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
NXP Semiconductors
NX30P6093A NXP-NX30P6093A Datasheet
1Mb / 33P
High-voltage I2C controlled OVP load switch with OTG
Rev. 1-16 August 2018
NX30P6093A NXP-NX30P6093A_V01 Datasheet
1Mb / 32P
High-voltage I2C controlled OVP load switch with OTG
Rev. 2.1-6 April 2022
logo
Kinetic Technologies.
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com