Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CCM01-6103 Datasheet (PDF) - C&K Components

CCM01-6103 Datasheet PDF - C&K Components
Part # CCM01-6103
Download  CCM01-6103 Download
File Size   168.91 Kbytes
Page   3 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Available in standard or reverse card

CCM01-6103 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCM01-6103 Datasheet PDF - C&K Components

Part # CCM01-6103
Download  CCM01-6103 Click to download

File Size   168.91 Kbytes
Page   3 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Available in standard or reverse card

CCM01-6103 Datasheet (HTML) - C&K Components


CCM01-6103 Product details

Features
• Available in standard or reverse card
reading version, with direct PCB
soldering for reduced installation cost.
• Panel mount version comes with
improved noise reduction FPC, to
accommodate all front panel
configurations.
• Double sided version allows the
customer to insert the card chip up or
down for easier handling.
• Self cleaning card detection switch
(normally closed) is protected against
assembly mishandling.
• Available with 8 through hole contacts
specifically designed to reduce card
wear.
• A chamfer opening to the card entry
slot improves the card guidance into
the connector.
• Variable distance from lower card side
to PCB to level card slot with your front
panel design
• Easy insertion into PCB provided by
four half pegs and termination true
positioning insulator.1
• Four snap in board locks to lower
stress on soldered terminals and
improve interconnect PCB retention.
• Thermoplastic UL 94 V-0 insulator
suitable for wave soldering only
• Designed to be compatible with:
NDS
EMVCo




Similar Part No. - CCM01-6103

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM01-6103 ITT-CCM01-6103 Datasheet
213Kb / 3P
CCM01-6101
More results


Similar Description - CCM01-6103

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
available in industry standard package & specifications
29/06/11
logo
Rohm
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
Reverse-mount available type
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
Reverse-mount available type
logo
Marl International Limi...
124-305-04 MARL-124-305-04_15 Datasheet
195Kb / 4P
Reverse polarity options available
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
logo
Laird Tech Smart Techno...
EXC LSTD-EXC Datasheet
616Kb / 1P
Available in various standard connectors
EXS LSTD-EXS Datasheet
283Kb / 1P
Available in various standard connectors
logo
Maxim Integrated Produc...
MAX7042EVKIT MAXIM-MAX7042EVKIT Datasheet
1Mb / 7P
Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 9/09
MAX7033EVKIT MAXIM-MAX7033EVKIT Datasheet
214Kb / 7P
Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 12/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com