Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBL25L30CT Datasheet (PDF) - Vishay Siliconix

SBL25L30CT Datasheet PDF - Vishay Siliconix
Part # SBL25L30CT
Download  SBL25L30CT Download
File Size   160.53 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low VF Common Cathode Schottky Rectifier

SBL25L30CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL25L30CT Datasheet PDF - Vishay Siliconix

Part # SBL25L30CT
Download  SBL25L30CT Click to download

File Size   160.53 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low VF Common Cathode Schottky Rectifier

SBL25L30CT Datasheet (HTML) - Vishay Siliconix


SBL25L30CT Product details

FEATURES
• Power pack
• Low power loss, high efficiency
• Very low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 245 °C (for D2PAK (TO-263AB) package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified 
(for ITO-220AB and D2PAK (TO-263AB) package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in low voltage, high frequency inverters, switching
mode power supplies, freewheeling diodes, OR-ing diodes,
DC/DC converters, and polarity protection application.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, D2PAK (TO-263AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3_X - RoHS-compliant, AEC-Q101 qualified
(“_X” denotes revision code, e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - SBL25L30CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBL25L30CT GE-SBL25L30CT Datasheet
84Kb / 2P
LOW VF SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBL25L30CT GOOD-ARK-SBL25L30CT Datasheet
247Kb / 3P
Dual Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL25L30CT VISHAY-SBL25L30CT Datasheet
148Kb / 6P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT Datasheet
149Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
SBL25L30CT-E3 VISHAY-SBL25L30CT-E3 Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
More results


Similar Description - SBL25L30CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT Datasheet
157Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
logo
Bruckewell Technology L...
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT_15 Datasheet
148Kb / 6P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
logo
Bruckewell Technology L...
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF30200CT BWTECH-MBRF30200CT Datasheet
140Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
12-Jun-13
logo
Shanghai Leiditech Elec...
SAT80TH170CPT LEIDITECH-SAT80TH170CPT Datasheet
438Kb / 3P
Dual Common-Cathode Uitra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBLFB25L20CT VISHAY-SBLFB25L20CT Datasheet
149Kb / 5P
Dual Low VF Common Cathode Schottky Rectifier
08-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com