Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UHB20FCT Datasheet (PDF) - Vishay Siliconix

UHB20FCT Datasheet PDF - Vishay Siliconix
Part # UHB20FCT
Download  UHB20FCT Download
File Size   143.49 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common-Cathode Ultrafast Recovery Rectifier

UHB20FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
UHB20FCT Datasheet PDF - Vishay Siliconix

Part # UHB20FCT
Download  UHB20FCT Click to download

File Size   143.49 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common-Cathode Ultrafast Recovery Rectifier

UHB20FCT Datasheet (HTML) - Vishay Siliconix


UHB20FCT Product details

FEATURES
• Oxide planar chip junction
• Ultrafast recovery times
• Soft recovery characteristics
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC

TYPICAL APPLICATIONS
For use in high frequency power factor correctors,
switching mode power supplies, freewheeling diodes
and secondary dc-to-dc rectification application.

MECHANICAL DATA
Case: TO-220AB and TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - UHB20FCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UHB20FCT VISHAY-UHB20FCT Datasheet
141Kb / 5P
Dual Common-Cathode Ultrafast Recovery Rectifier
10-Nov-06
UHB20FCT VISHAY-UHB20FCT Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Recovery Rectifier
13-May-08
logo
Inchange Semiconductor ...
UHB20FCT ISC-UHB20FCT Datasheet
326Kb / 2P
Ultrafast Recovery Diode
logo
Vishay Siliconix
UHB20FCT-E3/4W VISHAY-UHB20FCT-E3/4W Datasheet
141Kb / 5P
Dual Common-Cathode Ultrafast Recovery Rectifier
10-Nov-06
UHB20FCT-E3/4W VISHAY-UHB20FCT-E3/4W Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Recovery Rectifier
13-May-08
More results


Similar Description - UHB20FCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH20FCT VISHAY-UH20FCT Datasheet
141Kb / 5P
Dual Common-Cathode Ultrafast Recovery Rectifier
10-Nov-06
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
13-May-08
UH20FCT VISHAY-UH20FCT_08 Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Recovery Rectifier
13-May-08
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UHF20FCT VISHAY-UHF20FCT Datasheet
92Kb / 4P
Dual Common-Cathode Ultrafast Recovery Rectifier
13-May-08
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
BYT28-X00 VISHAY-BYT28-X00 Datasheet
153Kb / 5P
Dual Common Cathode Ultrafast Soft Recovery Rectifier
23-Feb-16
UH20FCT-E3 VISHAY-UH20FCT-E3 Datasheet
130Kb / 5P
Dual Common Cathode Ultrafast Recovery Rectifier
05-Feb-2021
UHF20FCT VISHAY-UHF20FCT_V01 Datasheet
92Kb / 4P
Dual Common-Cathode Ultrafast Recovery Rectifier
13-May-08
BYT28-X00 VISHAY-BYT28-X00_V01 Datasheet
154Kb / 5P
Dual Common Cathode Ultrafast Soft Recovery Rectifier
05-Jun-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com