Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T2G6003028-FSEVB2 Datasheet (PDF) - Qorvo, Inc

T2G6003028-FSEVB2 Datasheet PDF - Qorvo, Inc
Part # T2G6003028-FSEVB2
Download  T2G6003028-FSEVB2 Download
File Size   2831.48 Kbytes
Page   20 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 30 W, 28V DC ??6 GHz, GaN RF Power Transistor

T2G6003028-FSEVB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2G6003028-FSEVB2 Datasheet PDF - Qorvo, Inc

Part # T2G6003028-FSEVB2
Download  T2G6003028-FSEVB2 Click to download

File Size   2831.48 Kbytes
Page   20 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 30 W, 28V DC ??6 GHz, GaN RF Power Transistor

T2G6003028-FSEVB2 Datasheet (HTML) - Qorvo, Inc


T2G6003028-FSEVB2 Product details

Key Features 1
• Frequency: DC to 6 GHz
• Output Power (P3dB): 42.7 W
• Linear Gain: >14 dB
• Operating Voltage: 28 V
• Low thermal resistance package
• Pulse capable
Note 1: @ 3 GHz




Similar Part No. - T2G6003028-FSEVB2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6003028-FSEVB2 QORVO-T2G6003028-FSEVB2 Datasheet
2Mb / 21P
30W, 28V DC ??6 GHz, GaN RF Power Transistor
T2G6003028-FSEVB2 QORVO-T2G6003028-FSEVB2 Datasheet
2Mb / 21P
30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
More results


Similar Description - T2G6003028-FSEVB2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
15W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
30W, 28V DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com