Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TECLD15A Datasheet (PDF) - Analog Technologies, Inc.

TECLD15A Datasheet PDF - Analog Technologies, Inc.
Part # TECLD15A
Download  TECLD15A Download
File Size   829.62 Kbytes
Page   4 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description TEC Controller Load Assembly

TECLD15A Datasheet (PDF)

Go To PDF Page Download Datasheet
TECLD15A Datasheet PDF - Analog Technologies, Inc.

Part # TECLD15A
Download  TECLD15A Click to download

File Size   829.62 Kbytes
Page   4 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description TEC Controller Load Assembly

TECLD15A Datasheet (HTML) - Analog Technologies, Inc.


TECLD15A Product details

MAIN FEATURES
Input Voltage: 5VDC ± 5%
Max. TEC Current: 15ADC
Large Platform for Thermal Load:
80mm(L) × 80mm(W) × 5mm(H)
Wide Temperature Regulation Range: 0°C to 85°C
Displayed Temperature Stability: 0.5°C
High Thermal Load Capability: 47.5W
Display of Temperatures
Easy to Use
100 % Lead (Pb)-Free and RoHS Compliant

APPLICATIONS
It can be used for evaluating TEC controllers, TECs and
heat sink, etc. Also, when working with our TEC controller
and evaluation board, it can stabilize an object’s
temperature for scientific experiments.

DESCRIPTION
The TECLD15A is a TEC controller load assembly that
comes with one TEC module, one heat sink, one high
efficiency fan on the hot side, and one large-size platform,
etc. A digital display shows the temperature of the cold
plate and the heat sink, and the ambient temperature.
Note: The platform is made of 6063 aluminum alloy. The
material, size and shape of the platform and the
specifications of the TEC module can be customized.




Similar Part No. - TECLD15A

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
TECLD100MA203D ANALOGTECHNOLOGIES-TECLD100MA203D Datasheet
332Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD1A203D ANALOGTECHNOLOGIES-TECLD1A203D Datasheet
328Kb / 6P
TEC Laser Controller Combo
4/7/2022
More results


Similar Description - TECLD15A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
Thermoelectric Cooler (TEC) Controller
7/03-Data Sheet Changed from REV PrB to REV PrC.
logo
List of Unclassifed Man...
TEC6A101-DN ETC2-TEC6A101-DN Datasheet
174Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Devices
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
logo
Analog Technologies, In...
ATFC109D ANALOGTECHNOLOGIES-ATFC109D Datasheet
573Kb / 7P
Digital TEC/Fan Controller
1/29/2022
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
High Efficiency TEC Controller
4/28/2022
TECLD100MA203D ANALOGTECHNOLOGIES-TECLD100MA203D Datasheet
332Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD200MA203D ANALOGTECHNOLOGIES-TECLD200MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD250MA203D ANALOGTECHNOLOGIES-TECLD250MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD500MA203D ANALOGTECHNOLOGIES-TECLD500MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com