Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

15410294AA570 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

15410294AA570 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 15410294AA570
Download  15410294AA570 Download
File Size   1154.05 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SISW SMT Infrared Sideview LED Waterclear

15410294AA570 Datasheet (PDF)

Go To PDF Page Download Datasheet
15410294AA570 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 15410294AA570
Download  15410294AA570 Click to download

File Size   1154.05 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SISW SMT Infrared Sideview LED Waterclear

15410294AA570 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


15410294AA570 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Storage Conditions (for single
parts) -40 up to +85 °C
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 15410294AA570

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1541021ECA170 WURTH-1541021ECA170 Datasheet
1Mb / 8P
WL-SDSB SMT Photodiode Sideview Black
001.000
1541021NCA170 WURTH-1541021NCA170 Datasheet
1Mb / 8P
WL-STSB SMT Phototransistor Sideview Black
001.000
15410285AA170 WURTH-15410285AA170 Datasheet
1Mb / 9P
WL-SISW SMT Infrared Sideview LED Waterclear
001.001
More results


Similar Description - 15410294AA570

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15411485AA370 WURTH-15411485AA370 Datasheet
828Kb / 8P
WL-SISW SMD Infrared Sideview LED Waterclear
15411494AA570 WURTH-15411494AA570 Datasheet
828Kb / 8P
WL-SISW SMD Infrared Sideview LED Waterclear
15404085BA470 WURTH-15404085BA470 Datasheet
1Mb / 8P
WL-SISW SMT Infrared Sideview LED Waterclear
001.000
15411094A6070 WURTH-15411094A6070 Datasheet
1Mb / 8P
WL-SISW SMT Infrared Sideview LED Waterclear
001.000
1541141NAA570 WURTH-1541141NAA570 Datasheet
1Mb / 8P
WL-STSW SMT Phototransistor Sideview Waterclear
001.000
15412094A2070 WURTH-15412094A2070 Datasheet
1Mb / 8P
WL-SISW SMT Infrared Sideview LED Waterclear
001.000
15404094BA470 WURTH-15404094BA470 Datasheet
1Mb / 9P
WL-SISW SMT Infrared Sideview LED Waterclear
001.001
15410285AA170 WURTH-15410285AA170 Datasheet
1Mb / 9P
WL-SISW SMT Infrared Sideview LED Waterclear
001.001
15411085A4570 WURTH-15411085A4570 Datasheet
1Mb / 9P
WL-SISW SMT Infrared Sideview LED Waterclear
001.002
15412085A2070 WURTH-15412085A2070 Datasheet
1Mb / 9P
WL-SISW SMT Infrared Sideview LED Waterclear
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com