Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2301A Datasheet (PDF) - AiT Semiconductor Inc.

AM2301A Datasheet PDF - AiT Semiconductor Inc.
Part # AM2301A
Download  AM2301A Download
File Size   335.01 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -20V P-CHANNEL ENHANCEMENT MODE

AM2301A Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2301A Datasheet PDF - AiT Semiconductor Inc.

Part # AM2301A
Download  AM2301A Click to download

File Size   335.01 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -20V P-CHANNEL ENHANCEMENT MODE

AM2301A Datasheet (HTML) - AiT Semiconductor Inc.


AM2301A Product details

DESCRIPTION
The AM2301A is available in SOT-23S package.

FEATURES
 VDS =-20V
 RDS(ON),VGS@-4.5V,IDS@-4.7A=70mΩ
 RDS(ON),VGS@-2.5V,IDS@-1.0A=110mΩ
 Available in SOT-23S Package

APPLICATION
 Advanced trench process technology
 High Density Cell Design For Ultra Low On-Resistance
 ESD Rating of Class 0 (<100V) per Human Body Model




Similar Part No. - AM2301A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2301 AITSEMI-AM2301 Datasheet
439Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV3.0
AM2301B AITSEMI-AM2301B Datasheet
812Kb / 7P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE
REV1.0 - JUL 2020
AM2301E3SR AITSEMI-AM2301E3SR Datasheet
439Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV3.0
AM2301E3SVR AITSEMI-AM2301E3SVR Datasheet
439Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV3.0
logo
Analog Power
AM2301P ANALOGPOWER-AM2301P Datasheet
333Kb / 5P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - AM2301A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com