Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2N7002T Datasheet (PDF) - AiT Semiconductor Inc.

AM2N7002T Datasheet PDF - AiT Semiconductor Inc.
Part # AM2N7002T
Download  AM2N7002T Download
File Size   764.43 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET SMALL SIGNAL NMOS

AM2N7002T Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2N7002T Datasheet PDF - AiT Semiconductor Inc.

Part # AM2N7002T
Download  AM2N7002T Click to download

File Size   764.43 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET SMALL SIGNAL NMOS

AM2N7002T Datasheet (HTML) - AiT Semiconductor Inc.


AM2N7002T Product details

DESCRIPTION
The AM2N7002T is available in SC 89 package.

FEATURES
 Low Gate Charge for Fast Switching
 Small 1.6 X 1.6 mm Footprint
 ESD Protected Gate
 ESD Protected: 2000V
 Available in SC 89 Package

APPLICATION
 Power Management Load Switch
 Level Shift
 Portable Applications such as Cell Phones,
Media Players, Digital Came ras, PDA’s, Video
Games, Hand Held Computers, etc.




Similar Part No. - AM2N7002T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2N7002 AITSEMI-AM2N7002 Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
AM2N7002DW AITSEMI-AM2N7002DW Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DWC6R AITSEMI-AM2N7002DWC6R Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DWC6VR AITSEMI-AM2N7002DWC6VR Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002E3R AITSEMI-AM2N7002E3R Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
More results


Similar Description - AM2N7002T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4001N ONSEMI-NTJD4001N Datasheet
46Kb / 6P
Small Signal MOSFET
August, 2003 ??Rev. 0
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002DW SECOS-2N7002DW Datasheet
142Kb / 3P
Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G_15 Datasheet
1Mb / 6P
Small Signal MOSFET
L2N7002KN3T5G LRC-L2N7002KN3T5G_15 Datasheet
230Kb / 5P
Small Signal MOSFET
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
Small Signal MOSFET
L2N7002M3T5G LRC-L2N7002M3T5G_15 Datasheet
173Kb / 4P
Small Signal MOSFET
logo
AiT Semiconductor Inc.
AM2N7002K AITSEMI-AM2N7002K Datasheet
548Kb / 8P
MOSFET 60V, SMALL SIGNAL NMOS MOSFET
REV1.1
AM2N7002W AITSEMI-AM2N7002W Datasheet
362Kb / 7P
MOSFET 60V, SMALL SIGNAL NMOS MOSFET
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com