Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8366M7VR-Y Datasheet (PDF) - AiT Semiconductor Inc.

AP8366M7VR-Y Datasheet PDF - AiT Semiconductor Inc.
Part # AP8366M7VR-Y
Download  AP8366M7VR-Y Download
File Size   705.09 Kbytes
Page   14 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT

AP8366M7VR-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8366M7VR-Y Datasheet PDF - AiT Semiconductor Inc.

Part # AP8366M7VR-Y
Download  AP8366M7VR-Y Click to download

File Size   705.09 Kbytes
Page   14 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT

AP8366M7VR-Y Datasheet (HTML) - AiT Semiconductor Inc.


AP8366M7VR-Y Product details

DESCRIPTION
The AP8366 consists of a Low Standby-Power Quasi-Resonant (QR) Primary-Side controller and a avalanche-rugged smart power VDMOSFET (AP8366-A/B 700V, AP8366-C 800V), specifically designed for a high performance AC/DC charger or adaptor with minimal external components. AP8366 operates in primary-side sensing and regulation, so opto-coupler and A431 could be eliminated.
Because of internal HV Start-up circuit, the system with AP8366 can achieve less than 30mW standby power consumption (230VAC).
In CV mode, multi-mode and quasi resonant technique is utilized to achieve high efficiency, avoid audible noise and make the system meeting Energy star class VI. Good load regulation is achieved by the built-in cable drop compensation. In CC mode, the current and output power setting can be adjusted externally by the sense resistor RCS at CS pin. AP8366 offers complete protections including Cycle-by-Cycle current limiting protection (OCP), over voltage protection (OVP), over temperature protection (OTP) and CS open or short protection (CSO/SP) etc.
The AP8366 is available in SOP7 package.

FEATURES
 Internal avalanche-rugged smart power VDMOSFET
 Internal HV Start-up Circuit, Standby power consumption < 30mW at 230VAC
 Multi-mode and Quasi-Resonant technique achieve high efficiency, meeting energy star class VI
 ±5% CC Regulation at Universal AC input
 Primary-side Sensing and Regulation without A431 and Opto-coupler
 Programmable Cable Drop Compensation
 No-need Control Loop Compensation Capacitance
 Excellent Protection Coverage:
 Over Temperature Protection (OTP)
 VDD Under/Over Voltage Protection (UVLO&OVP)
 Cycle-by-Cycle Current Limiting (OCP)
 CS Short/Open Protection (CS O/SP)
 CV mode accurate: ±5%
 Available in SOP7 Package
APPLICATION
 Switch AC/DC Adaptor
 Battery Charger




Similar Part No. - AP8366M7VR-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP836 ETC2-AP836 Datasheet
205Kb / 2P
35 Watts TO-220 High Power Resistors
logo
Ohmite Mfg. Co.
AP836 OHMITE-AP836 Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP836100RJ OHMITE-AP836100RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610KJ OHMITE-AP83610KJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610RJ OHMITE-AP83610RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
More results


Similar Description - AP8366M7VR-Y

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
AC-DC Quasi-Resonant Current Mode PWM Controller
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Texas Instruments
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
AC-DC Quasi-Resonant Current Mode PWM Controller
logo
Dialog Semiconductor
IW1781 DIALOG-IW1781 Datasheet
366Kb / 6P
Rapid Charge??AC/DC Digital Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
logo
Renesas Technology Corp
IW9860 RENESAS-IW9860 Datasheet
462Kb / 7P
Zero Standby Power AC/DC Digital Quasi-Resonant Flyback Controller for RapidChargeTM
01-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com