Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

50503AC Datasheet (PDF) - Murata Manufacturing Co., Ltd

50503AC Datasheet PDF - Murata Manufacturing Co., Ltd
Part # 50503AC
Download  50503AC Download
File Size   225.13 Kbytes
Page   6 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Surface Mount Common Mode Chokes

50503AC Datasheet (PDF)

Go To PDF Page Download Datasheet
50503AC Datasheet PDF - Murata Manufacturing Co., Ltd

Part # 50503AC
Download  50503AC Click to download

File Size   225.13 Kbytes
Page   6 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Surface Mount Common Mode Chokes

50503AC Datasheet (HTML) - Murata Manufacturing Co., Ltd


50503AC Product details

- 51μH to 4.7mH
- Up to 800mA IDC
- Surface mount
- Signal line applications
- UL94 V-0 package materials
- J-STD-020 reflow
- RoHS compliant

PRODUCT OVERVIEW
The 5000A series is a range of surface mount
common mode chokes designed to attenuate up
to 100MHz common mode noise where signal line
filtering is required.




Similar Part No. - 50503AC

ManufacturerPart #DatasheetDescription
logo
Clarke International
5050305 CLARKE-5050305 Datasheet
1Mb / 8P
WATER WASH GUN
GC0714
More results


Similar Description - 50503AC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
SURFACE MOUNT COMMON MODE CHOKES
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
XF0013-CMC1 XFMRS-XF0013-CMC1 Datasheet
195Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com