Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATRDB12 Datasheet (PDF) - Analog Technologies, Inc.

ATRDB12 Datasheet PDF - Analog Technologies, Inc.
Part # ATRDB12
Download  ATRDB12 Download
File Size   285.39 Kbytes
Page   4 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Resistance Decade Box

ATRDB12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATRDB12 Datasheet PDF - Analog Technologies, Inc.

Part # ATRDB12
Download  ATRDB12 Click to download

File Size   285.39 Kbytes
Page   4 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Resistance Decade Box

ATRDB12 Datasheet (HTML) - Analog Technologies, Inc.


ATRDB12 Product details

MAIN FEATURES
 Wide adjustable range: 8 decades => 0.36Ω to 10MΩ
 High resolution: 0.1Ω
 High accuracy: ±1%
 Very comfortable to use and easy to read the total value
 Long life time rotary switches and compact size
 Durable metal enclosure
 100 % lead (Pb)-free and RoHS compliant

APPLICATIONS
 Tuning analog circuits
 Doing experiments

DESCRIPTIONS
ATRDB12 is an accurate knob dial type resistor decade
box. Because of the main features listed above, it is a
very useful tool for tuning analog electronic circuits
where varying a resistance is needed.




Similar Part No. - ATRDB12

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATRD-R-0003 ABRACON-ATRD-R-0003 Datasheet
744Kb / 12P
Multi-layer Chip Triplexer
02-19-24
ATRD-R-0003T ABRACON-ATRD-R-0003T Datasheet
744Kb / 12P
Multi-layer Chip Triplexer
02-19-24
ATRD-R-0004 ABRACON-ATRD-R-0004 Datasheet
724Kb / 11P
Multi-layer Chip Triplexer
02-19-24
ATRD-R-0004T ABRACON-ATRD-R-0004T Datasheet
724Kb / 11P
Multi-layer Chip Triplexer
02-19-24
More results


Similar Description - ATRDB12

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
logo
IET Labs Inc.
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com