Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SQJA61EP Datasheet (PDF) - Vishay Siliconix

SQJA61EP Datasheet PDF - Vishay Siliconix
Part # SQJA61EP
Download  SQJA61EP Download
File Size   184.71 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 60 V (D-S) 175 °C MOSFET

SQJA61EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJA61EP Datasheet PDF - Vishay Siliconix

Part # SQJA61EP
Download  SQJA61EP Click to download

File Size   184.71 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 60 V (D-S) 175 °C MOSFET

SQJA61EP Datasheet (HTML) - Vishay Siliconix


SQJA61EP Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization: 
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJA61EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA61EP VISHAY-SQJA61EP Datasheet
183Kb / 6P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
18-Apr-2022
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
18-Apr-2022
More results


Similar Description - SQJA61EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
28-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
30-Jul-12
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
16-Jul-15
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
18-Apr-2022
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
20-Aug-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com