| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD4815NH
|
89Kb / 8P |
Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0 |
|
NTD4855N
|
99Kb / 8P |
Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1 |
|
NTD5862NT4G
|
125Kb / 8P |
N-Channel Power MOSFET 60 V, 98 A, 5.7 m
July, 2012 ??Rev. 2 |
|
NVD5862N
|
112Kb / 6P |
60 V, 5.7 m, 98 A, Single N-Channel
December, 2010 ??Rev. 0 |
|
NVBG020N120SC1
|
372Kb / 7P |
MOSFET - Power, Silicon Carbide, Single N-Channel D2PAK7L, 1200 V, 98 A, 20 mOhm
June, 2020 ??Rev. 2 |
|
NTBG020N120SC1
|
368Kb / 7P |
MOSFET - Power, Silicon Carbide, Single N-Channel, D2PAK7L, 1200 V, 98 A, 20 mOhm
June, 2020 ??Rev. 1 |
|
NTTFS4C02N
|
212Kb / 8P |
MOSFET ??Power, Single, N-Channel, 8FL 30 V, 170 A
June, 2019 ??Rev. 7 |
|
NTTFS4C06N
|
206Kb / 8P |
MOSFET ??Power, Single, N-Channel, 8FL 30 V, 67 A
June, 2019 ??Rev. 1 |
|
NVTYS002N03CL
|
343Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0 |
|
NVTYS004N03CL
|
343Kb / 8P |
MOSFET - Power, Single, N-Channel 30 V, 85 A
May, 2021 - Rev. 0 |