Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7A13 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS7A13 Datasheet PDF - Texas Instruments
Part # TPS7A13
Download  TPS7A13 Download
File Size   2983.11 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A13 300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator

TPS7A13 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A13 Datasheet PDF - Texas Instruments

Part # TPS7A13
Download  TPS7A13 Click to download

File Size   2983.11 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A13 300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator

TPS7A13 Datasheet (HTML) - Texas Instruments


TPS7A13 Product details

1 Features
• Ultra-low input voltage range: 0.7 V to 2.2 V
• High efficiency:
– Dropout at 300 mA: 65 mV (max)
– Specified for VIN = VOUT + 100 mV
• Excellent load transient response:
– 20 mV for ILOAD 1 mA to 250 mA in 10 μs
• Accuracy over load, line, and temperature: 1%
• High PSRR: 80 dB at 1 kHz
• Available in fixed-output voltages:
– 0.5 V to 2.05 V (in 25-mV steps)
• VBIAS range:
– 2.2 V to 5.5 V
• Package:
– 6-pin, 1-mm × 0.71-mm DSBGA
• Active output discharge

2 Applications
• Camera modules
• Wireless headphones and earbuds
• Smart watches, fitness trackers
• Smart phones and tablets
• Portable medical devices
• Solid state drives (SSDs)

3 Description
The TPS7A13 is a small, low-dropout regulator (LDO)
with excellent transient response. This device can
source 300 mA with outstanding ac performance (load
and line transient responses). The input voltage range
is from 0.7 V to 2.2 V, and the output range is from
0.5 V to 2.05 V with a very high accuracy of 1% over
load, line, and temperature.
The primary power path is through the IN pin and can
be connected to a power supply as low as 50 mV
above the output voltage. All electrical characteristics
(including excellent output voltage tolerance, transient
response, and PSRR) are specified for input voltages
100 mV greater than the output voltage, thereby
yielding high practical efficiency. This regulator
supports very low input voltages with the use of a
higher, externally supplied V BIAS rail that is used to
power the internal circuitry of the LDO. For example,
the supply voltage to the IN pin can be the output
of a high-efficiency, DC/DC step-down regulator and
the BIAS pin supply voltage can be a rechargeable
battery.
The TPS7A13 is equipped with an active pulldown
circuit to quickly discharge the output when disabled,
and provides a known start-up state.
The TPS7A13 is available in an ultra-small 0.71-mm
× 1.0-mm, 6-bump DSBGA package that makes the
device suitable for space-constrained applications.




Similar Part No. - TPS7A13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A13 TI-TPS7A13 Datasheet
3Mb / 31P
TPS7A13 300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
DECEMBER 2021
TPS7A1309PYCKR TI-TPS7A1309PYCKR Datasheet
3Mb / 31P
TPS7A13 300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
DECEMBER 2021
More results


Similar Description - TPS7A13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10_18 Datasheet
2Mb / 34P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11 Datasheet
3Mb / 37P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1810 TI1-TPS7A10_1810 Datasheet
2Mb / 36P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI-TPS7A11_V01 Datasheet
5Mb / 40P
TPS7A11 500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A13 TI-TPS7A13 Datasheet
3Mb / 31P
TPS7A13 300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
DECEMBER 2021
TPS7A15 TI-TPS7A15 Datasheet
2Mb / 32P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
JUNE 2022
TPS7A15 TI1-TPS7A15_V01 Datasheet
3Mb / 37P
TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com