Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP104-01-01 Datasheet (PDF) - Analog Devices

TP104-01-01 Datasheet PDF - Analog Devices
Part # TP104-01-01
Download  TP104-01-01 Download
File Size   1700.33 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADN4620/ADN4621 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolators

TP104-01-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP104-01-01 Datasheet PDF - Analog Devices

Part # TP104-01-01
Download  TP104-01-01 Click to download

File Size   1700.33 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADN4620/ADN4621 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolators

TP104-01-01 Datasheet (HTML) - Analog Devices


TP104-01-01 Product details

GENERAL DESCRIPTION
The EVAL-ADN4620EBZ and EVAL-ADN4621EBZ allow quick and
easy evaluation of the ADN4620/ADN4621 low voltage differential
signaling (LVDS) isolators without the need for external components.
The ADN4620/ADN4621 employ the Analog Devices, Inc.,
iCoupler® technology to combine a 2-channel isolator with LVDS
receivers and drivers into a single, 20-lead SSOP package. The
ADN4620/ADN4621 are capable of running at data rates of up to
2.5 Gbps with low jitter.
The EVAL-ADN4620EBZ/EVAL-ADN4621EBZ have separate
ground and power planes for each side of the isolator, with individual
1.8 V power supplies required on each side of the ADN4620/
ADN4621. This separation enables the evaluation of the ADN4620/
ADN4621 with galvanic isolation between both sides of the devices.
An additional power supply providing 3.3 V is required on Side 1
(and also Side 2 for the ADN4621).
For full details on the ADN4620/ADN4621, see the ADN4620/
ADN4621 data sheet, which must be consulted in conjunction
with this user guide when using the EVAL-ADN4620EBZ or EVALADN4621EBZ.

FEATURES
► Isolated ground planes (logic side and bus side)
► High speed layout supports 2.5 Gigabit operation and precision jitter measurements
(<1 ps rms for random jitter)
► Convenient connections through SMA terminals
► 1.8 V power on Side 1 (VDD1) and Side 2 (VDD2)
► 3.3 V power for LVDS receivers on Side 1 (VIO1) and Side 2(VIO2, used with ADN4621 only)
► Ground on Side 1 (GND1) and ground on Side 2 (GND2)
► Side 1 LVDS signals: DIN1+, DIN1−, DIN2+ or DOUT2+, DIN2− orDOUT2−
► Side 2 LVDS signals: DOUT1+, DOUT1−, DOUT2+ or DIN2+,DOUT2− or DIN2−
► Jumper-selectable refresh mode
► Termination resistors on all LVDS receivers

EVALUATION KIT CONTENTS
► EVAL-ADN4620EBZ or EVAL-ADN4621EBZ

DOCUMENTS NEEDED
► ADN4620/ADN4621 data sheet

EQUIPMENT NEEDED
► Signal generator
► Oscilloscope
► Power supply




Similar Part No. - TP104-01-01

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP1045-04F TECHPUBLIC-TP1045-04F Datasheet
1Mb / 4P
4-Line Uni-directional TVS Diode
More results


Similar Description - TP104-01-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com