Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TF1216 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF1216 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF1216
Download  TF1216 Download
File Size   3438.54 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

TF1216 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF1216 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF1216
Download  TF1216 Click to download

File Size   3438.54 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

TF1216 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF1216 Product details

Description
The TF1216 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
load switch or in PWM applications.

General Features
● VDS = -12V,ID = -16A
RDS(ON TYP) 12mΩ @ VGS=-4.5V
RDS(ON TYP) 16mΩ @ VGS=-2.5V
● High power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● Motor drive
● Load switch
● Power management




Similar Part No. - TF1216

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TF12 HIROSE-TF12 Datasheet
255Kb / 7P
0.5mm PITCH Back-Flip Type
TF12-9S-0.5SH HIROSE-TF12-9S-0.5SH Datasheet
255Kb / 7P
0.5mm PITCH Back-Flip Type
logo
Rhombus Industries Inc.
TF120-10 RHOMBUS-IND-TF120-10 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF120-10 RHOMBUS-IND-TF120-10 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF120-5 RHOMBUS-IND-TF120-5 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results


Similar Description - TF1216

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com