Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF120Y300 Datasheet (PDF) - Astec America, Inc

AIF120Y300 Datasheet PDF - Astec America, Inc
Part # AIF120Y300
Download  AIF120Y300 Download
File Size   131.4 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 600 Watts

AIF120Y300 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIF120Y300 Datasheet PDF - Astec America, Inc

Part # AIF120Y300
Download  AIF120Y300 Click to download

File Size   131.4 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 600 Watts

AIF120Y300 Datasheet (HTML) - Astec America, Inc


AIF120Y300 Product details

Special Features
• 600W Continuous power at 100°C baseplate temperature
• 108W/in3 (6.6W/cm3)
• High efficiency - up to 90%
• Low output ripple and noise
• Positive and Negative enable function
• Excellent transient response
• OVP, OCP, V Adj control with ALPTM analog mode linear control, or through I2C bus with digital mode control.
• Paralleable with accurate current sharing
• EU Directive 2002/95/EC compliant for RoHS




Similar Part No. - AIF120Y300

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF120Y300 EMERSON-NETWORKPOWER-AIF120Y300 Datasheet
139Kb / 2P
600W Continuous power at 100째C baseplate temperature
logo
Artesyn Technologies
AIF120Y300 ARTESYN-AIF120Y300 Datasheet
523Kb / 3P
Total Power: 600 Watts
logo
Astec America, Inc
AIF120Y300-L/N-L/-NTL ASTEC-AIF120Y300-L/N-L/-NTL Datasheet
940Kb / 38P
DC-DC Converter Module
AIF120Y300N-L ASTEC-AIF120Y300N-L Datasheet
144Kb / 2P
Embedded Power for Business-Critical Continuity
More results


Similar Description - AIF120Y300

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
600 Watts Transient Voltage Suppressor
logo
XP Power Limited
CCH400 XPPOWER-CCH400 Datasheet
586Kb / 2P
400/600 Watts CCH400600 Series
SMR600PS12 XPPOWER-SMR600PS12 Datasheet
729Kb / 4P
600-800 Watts SMR Series
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
400/600 Watts
logo
Artesyn Technologies
AIF120Y300 ARTESYN-AIF120Y300 Datasheet
523Kb / 3P
Total Power: 600 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF600-48S28-6L ARTESYN-AGF600-48S28-6L Datasheet
547Kb / 3P
Total Power: 600 Watts
ADQ600-48S12-6L ARTESYN-ADQ600-48S12-6L Datasheet
750Kb / 3P
Total Power: 600 Watts
AVE600-48S12B-4L ARTESYN-AVE600-48S12B-4L Datasheet
1Mb / 3P
Total Power: 600 Watts
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
600 Watts Conduction Cooling
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com