Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBR2M60S1F Datasheet (PDF) - Diodes Incorporated

SBR2M60S1F Datasheet PDF - Diodes Incorporated
Part # SBR2M60S1F
Download  SBR2M60S1F Download
File Size   416.47 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SBR SUPER BARRIER RECTIFIER

SBR2M60S1F Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR2M60S1F Datasheet PDF - Diodes Incorporated

Part # SBR2M60S1F
Download  SBR2M60S1F Click to download

File Size   416.47 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SBR SUPER BARRIER RECTIFIER

SBR2M60S1F Datasheet (HTML) - Diodes Incorporated


SBR2M60S1F Product details

Features
Superior Reverse Avalanche Capability
Patented Interlocking Clip Design for High Surge Current Capacity
Patented Super Barrier Rectifier SBR
®
Technology
Soft, Fast Switching Capability
+175°C Operation Junction Temperature
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Data Sheet (SBR2M60S1FQ)




Similar Part No. - SBR2M60S1F

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SBR2M60S1F LEIDITECH-SBR2M60S1F Datasheet
767Kb / 3P
Super Barrier Rectifier
Rev 2.0 : 04.20.2021
More results


Similar Description - SBR2M60S1F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U300CT DIODES-SBR10U300CT Datasheet
180Kb / 3P
10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR30A100CT DIODES-SBR30A100CT Datasheet
181Kb / 3P
30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
SBR3040CT DIODES-SBR3040CT Datasheet
179Kb / 3P
30A SBR Super Barrier Rectifier
SBR3040 Rev. 2
SBR4045CT DIODES-SBR4045CT Datasheet
178Kb / 3P
40A SBR Super Barrier Rectifier
SBR4045 Rev. 2
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR30200CT DIODES-SBR30200CT Datasheet
177Kb / 3P
30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
SBR0560S1-7 DIODES-SBR0560S1-7 Datasheet
92Kb / 4P
0.5A SBR SUPER BARRIER RECTIFIER
Rev erse
SBR2U10LP DIODES-SBR2U10LP Datasheet
354Kb / 5P
2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
January 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com