Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUN12AD01 Datasheet (PDF) - Cyntec Co., Ltd.

MUN12AD01 Datasheet PDF - Cyntec Co., Ltd.
Part # MUN12AD01
Download  MUN12AD01 Download
File Size   1101.15 Kbytes
Page   19 Pages
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.
Description 1000mA, High Efficiency uPOL Module

MUN12AD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUN12AD01 Datasheet PDF - Cyntec Co., Ltd.

Part # MUN12AD01
Download  MUN12AD01 Click to download

File Size   1101.15 Kbytes
Page   19 Pages
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.
Description 1000mA, High Efficiency uPOL Module

MUN12AD01 Datasheet (HTML) - Cyntec Co., Ltd.


MUN12AD01 Product details

FEATURES:
 High Density Fully Integration Module
 1000mA Output Current
 Input Voltage Range from 4.5V to 16.0V
 Output Voltage Range from 0.8V to 6.0V
 94% Peak Efficiency at 5 Vin to 3.3 Vout
 Force PWM mode
 Enable Function
 Protections (UVLO, OCP: Non-latching)
 Internal Soft Start
 Compact Size: 3.9mm*2.6mm*1.7mm
 Pb-free for RoHS compliant
 MSL 2, 260°C Reflow

APPLICATIONS:
 DSL Modem / LCD TV
 Portable TV / Access Point Router

GENERAL DESCRIPTION:
The MUN12AD01-SG is non-isolated dc-dc converters. The PWM switching regulator, high frequency power inductor, and most of support components are integrated in one hybrid package.
Other features include remote enable function, internal soft-start, non-latching over current protection, and input under voltage locked-out capability.
The low profile and compact size package (3.9mm × 2.6mm x 1.7mm) is suitable for automated assembly by standard surface mount equipment. The MUN12AD01-SG is Pb-free and RoHS compliance.




Similar Part No. - MUN12AD01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN211 ONSEMI-MUN211 Datasheet
236Kb / 12P
Bias Resistor Transistor
January, 2005 ??Rev. 14
logo
Yea Shin Technology Co....
MUN2110 YEASHIN-MUN2110 Datasheet
924Kb / 8P
PNP Silicon Surface Mount Transistors
logo
E-Tech Electronics LTD
MUN2111 ETL-MUN2111 Datasheet
282Kb / 7P
Bias Resistor Transistor
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111 Datasheet
606Kb / 12P
Bias Resistor Transistor PNP Silicon
More results


Similar Description - MUN12AD01

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
logo
ams AG
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
logo
Cyntec Co., Ltd.
VUN12AD01-SH CYNTEC-VUN12AD01-SH Datasheet
779Kb / 15P
1A, High Efficiency Automotive uPOL Module
VUN12AD01-SHC CYNTEC-VUN12AD01-SHC Datasheet
771Kb / 14P
1A, High Efficiency Automotive uPOL Module
VUN12AD02-KM CYNTEC-VUN12AD02-KM Datasheet
3Mb / 23P
2A, High Efficiency uPOL Module
VUN12AD02-KMH CYNTEC-VUN12AD02-KMH Datasheet
2Mb / 20P
2A, High Efficiency uPOL Module
VUN12AD03-KM CYNTEC-VUN12AD03-KM Datasheet
2Mb / 21P
3A, High Efficiency uPOL Module
VUN12AD03-KMH CYNTEC-VUN12AD03-KMH Datasheet
2Mb / 19P
3A, High Efficiency uPOL Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com