Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMM5328ZW Datasheet (PDF) - Eudyna Devices Inc

EMM5328ZW Datasheet PDF - Eudyna Devices Inc
Part # EMM5328ZW
Download  EMM5328ZW Download
File Size   35.67 Kbytes
Page   3 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications

EMM5328ZW Datasheet (PDF)

Go To PDF Page Download Datasheet
EMM5328ZW Datasheet PDF - Eudyna Devices Inc

Part # EMM5328ZW
Download  EMM5328ZW Click to download

File Size   35.67 Kbytes
Page   3 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications

EMM5328ZW Datasheet (HTML) - Eudyna Devices Inc




Similar Part No. - EMM5328ZW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
EMM5322ZU EUDYNA-EMM5322ZU Datasheet
55Kb / 3P
Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
More results


Similar Description - EMM5328ZW

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESM5317ZW EUDYNA-ESM5317ZW Datasheet
50Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5326ZW EUDYNA-ESM5326ZW Datasheet
35Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
ESM5327ZW EUDYNA-ESM5327ZW Datasheet
36Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Tyco Electronics
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com