Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JXD3-0Z02NL Datasheet (PDF) - Pulse A Technitrol Company

JXD3-0Z02NL Datasheet PDF - Pulse A Technitrol Company
Part # JXD3-0Z02NL
Download  JXD3-0Z02NL Download
File Size   437.63 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Industrial 1Gigabit Top Entry single port

JXD3-0Z02NL Datasheet (PDF)

Go To PDF Page Download Datasheet
JXD3-0Z02NL Datasheet PDF - Pulse A Technitrol Company

Part # JXD3-0Z02NL
Download  JXD3-0Z02NL Click to download

File Size   437.63 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Industrial 1Gigabit Top Entry single port

JXD3-0Z02NL Datasheet (HTML) - Pulse A Technitrol Company


JXD3-0Z02NL Product details

Description:
Industrial Gigabit (10/100/1000Base-T) single port RJ45 vertical/ top entry integrated magnetics
connector, designed to support applications, such as embedded automation and drive control, wall
and panel mount HMI and outdoor networks.

Exceeds IEEE 802.3au specification for 1000Base-T
350μH minimum OCL with 8mA bias current
Rugged Industrial Temperature range -40 to+85°C
Fully conforms to RoSH-6 without exemptions
Replaces JD3/JXD3-0002NL and JD3/JXD3-0001NL1




Similar Part No. - JXD3-0Z02NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JXD3-0001NL PULSE-JXD3-0001NL Datasheet
444Kb / 5P
CONN,RJ45,1X1,1GD,1:1,TU
JXD3-0002NL PULSE-JXD3-0002NL Datasheet
455Kb / 5P
CONN,RJ45,1X1,1GD,1:1,TU
JXD3-0003NL PULSE-JXD3-0003NL Datasheet
599Kb / 5P
CONN,RJ45,1X1,100P,1:1,TU
JXD3-0004NL PULSE-JXD3-0004NL Datasheet
439Kb / 5P
CONN,RJ45,1X1,100P,1:1,TU
More results


Similar Description - JXD3-0Z02NL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
58-9296 AVX-58-9296 Datasheet
250Kb / 2P
Single Vertical Top Entry 18 AWG
logo
Hubbell Incorporated.
BIBS205 HUBBELL-BIBS205 Datasheet
264Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS208 HUBBELL-BIBS208 Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2010 HUBBELL-BIBS2010 Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2010FX HUBBELL-BIBS2010FX Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2012FX HUBBELL-BIBS2012FX Datasheet
259Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2014FX HUBBELL-BIBS2014FX Datasheet
260Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS3503FX HUBBELL-BIBS3503FX Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS35010 HUBBELL-BIBS35010 Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
logo
Pulse A Technitrol Comp...
JXD2-0Z10NL PULSE-JXD2-0Z10NL Datasheet
523Kb / 4P
Industrial Fast Ethernet and Gigabit single port RJ45 vertical top entry inte-grated magnetics connector
J500.B 06/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com