Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MVM5JB680R Datasheet (PDF) - Stackpole Electronics, Inc.

MVM5JB680R Datasheet PDF - Stackpole Electronics, Inc.
Part # MVM5JB680R
Download  MVM5JB680R Download
File Size   255.3 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ceramic Housed Vertical Mount Resistor

MVM5JB680R Datasheet (PDF)

Go To PDF Page Download Datasheet
MVM5JB680R Datasheet PDF - Stackpole Electronics, Inc.

Part # MVM5JB680R
Download  MVM5JB680R Click to download

File Size   255.3 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Ceramic Housed Vertical Mount Resistor

MVM5JB680R Datasheet (HTML) - Stackpole Electronics, Inc.


MVM5JB680R Product details

Features:
• Flameproof inorganic construction
• High temperature potting compound
• VM – Wirewound element
• MVM – Metal oxide element for higher values
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - MVM5JB680R

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
MVM202P06 VMI-MVM202P06 Datasheet
88Kb / 2P
2,000V Surface Mount Multiplier
MVM302P08 VMI-MVM302P08 Datasheet
135Kb / 2P
3,000V Surface Mount Multiplier
MVM302P10 VMI-MVM302P10 Datasheet
154Kb / 2P
3,000V Surface Mount Multiplier
MVM302P12 VMI-MVM302P12 Datasheet
153Kb / 2P
3000 V Miniature Hybrid Multiplier
MVM402P10 VMI-MVM402P10 Datasheet
114Kb / 2P
4000 V Miniature Hybrid Multiplier
More results


Similar Description - MVM5JB680R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Stackpole Electronics, ...
BVM SEI-BVM Datasheet
394Kb / 4P
Ceramic Housed Vertical Bracket Mount Resistor
11/30/2020
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com