Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL01HT20N8 Datasheet (PDF) - Stackpole Electronics, Inc.

AL01HT20N8 Datasheet PDF - Stackpole Electronics, Inc.
Part # AL01HT20N8
Download  AL01HT20N8 Download
File Size   425.78 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Thin Film Chip Inductor

AL01HT20N8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL01HT20N8 Datasheet PDF - Stackpole Electronics, Inc.

Part # AL01HT20N8
Download  AL01HT20N8 Click to download

File Size   425.78 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Thin Film Chip Inductor

AL01HT20N8 Datasheet (HTML) - Stackpole Electronics, Inc.


AL01HT20N8 Product details

Features:
• Exceptional Q values for small package sizes
• SRF controlled within 10%
• Stable inductance in high frequency circuits
• Highly stable design for critical requirements
• Tight tolerances down to 1% or ± 0.1nH
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• Contact Stackpole for additional inductance values

Applications:
• Wearable devices
• Wireless LANs
• Cable/Satellite receivers
• Security systems
• Smart meters
• Connected appliances
• Various IoT devices




Similar Part No. - AL01HT20N8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL01 ETC-AL01 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
AVX Corporation
AL016 AVX-AL016 Datasheet
696Kb / 7P
Air Core RF Inductors
AL01602N5GTR AVX-AL01602N5GTR Datasheet
696Kb / 7P
Air Core RF Inductors
AL01602N5GTS AVX-AL01602N5GTS Datasheet
696Kb / 7P
Air Core RF Inductors
AL01602N5JTR AVX-AL01602N5JTR Datasheet
696Kb / 7P
Air Core RF Inductors
More results


Similar Description - AL01HT20N8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
THIN FILM CHIP INDUCTOR
20090325-B
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
THIN FILM CHIP INDUCTOR
11.26.08
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
THIN FILM CHIP INDUCTOR
12.01.08
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
Thin Film Chip Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com