Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF905 Datasheet (PDF) - Nordic Semiconductor

NRF905 Datasheet PDF - Nordic Semiconductor
Part # NRF905
Download  NRF905 Download
File Size   690.46 Kbytes
Page   41 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Single chip 433/868/915MHz Transceiver

NRF905 Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF905 Datasheet PDF - Nordic Semiconductor

Part # NRF905
Download  NRF905 Click to download

File Size   690.46 Kbytes
Page   41 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Single chip 433/868/915MHz Transceiver

NRF905 Datasheet (HTML) - Nordic Semiconductor


NRF905 Product details

Key Features
• True single chip GFSK transceiver in a small 32 pin
package (32L QFN 5x5mm)
• ShockBurst™ mode for low power operation
• Power supply range 1.9 to 3.6 V
• Multi channel operation – ETSI/FCC Compatible
• Channel switching time <650μs
• Extremely low cost Bill of Material (BOM)
• No external SAW filter
• Adjustable output power up to 10dBm
• Carrier detect for "listen before transmit" protocols
• Data Ready signal when a valid data packet is
received or transmitted
• Address Match for detection of incoming packet
• Automatic retransmission of data packet
• Automatic CRC and preamble generation
• Low supply current (TX), typical 9mA @ -10dBm output
power
• Low supply current (RX), typical 12.5mA

Applications
• Wireless data communication
• Alarm and security system
• Home automation
• Remote control
• Surveillance
• Automotive
• Telemetry
• Keyless entry
• Toys




Similar Part No. - NRF905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF902 ETC1-NRF902 Datasheet
160Kb / 13P
Single chip 868 MHz Transmitter
More results


Similar Description - NRF905

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2919 RFMD-RF2919 Datasheet
519Kb / 18P
433/868/915MHZ ASK/OOK RECEIVER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
List of Unclassifed Man...
NRF9E5 ETC-NRF9E5 Datasheet
1Mb / 104P
433/868/915MHz RF Transceiver with Embedded 8051 Compatible Microcontroller and 4 Input, 10 Bit ADC
logo
Melexis Microelectronic...
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
868/915MHz ASK Transmitter
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
868 and 915MHz Drop-In RF Transceiver Modules
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
868/915MHz Transmitter
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com