Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIW30N65FA Datasheet (PDF) - Micro Commercial Components

MIW30N65FA Datasheet PDF - Micro Commercial Components
Part # MIW30N65FA
Download  MIW30N65FA Download
File Size   1185.49 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Trench and Field Stop IGBT 650V 30A

MIW30N65FA Datasheet (PDF)

Go To PDF Page Download Datasheet
MIW30N65FA Datasheet PDF - Micro Commercial Components

Part # MIW30N65FA
Download  MIW30N65FA Click to download

File Size   1185.49 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Trench and Field Stop IGBT 650V 30A

MIW30N65FA Datasheet (HTML) - Micro Commercial Components


MIW30N65FA Product details

Features
• High Speed Smooth Switching Device for Hard and Soft Switching
• Vce(sat) with Positive Temperature Coefficient
• High Ruggedness, Good Thermal Stability
• Very Tight Parameter Distribution
• Halogen Free. “Green” Device (Note 1)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
Compliant. See Ordering Information)




Similar Part No. - MIW30N65FA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MIW30N65FLA MCC-MIW30N65FLA Datasheet
1,011Kb / 7P
Trench and Field Stop IGBT 650V 30A
Rev.3-2-04282022
MIW30N65FLA-BP MCC-MIW30N65FLA-BP Datasheet
1,011Kb / 7P
Trench and Field Stop IGBT 650V 30A
Rev.3-2-04282022
More results


Similar Description - MIW30N65FA

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
650V 30A Field Stop Trench IGBT
RGS60TS65D ROHM-RGS60TS65D Datasheet
901Kb / 13P
650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
650V 30A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
650V 30A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW30N65FLA MCC-MIW30N65FLA Datasheet
1,011Kb / 7P
Trench and Field Stop IGBT 650V 30A
Rev.3-2-04282022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com