Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9012GAW24 Datasheet (PDF) - Schneider Electric

9012GAW24 Datasheet PDF - Schneider Electric
Part # 9012GAW24
Download  9012GAW24 Download
File Size   113.28 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description 9012G, pressure switch 9012 g, adjustable scale, 2 thresholds, 1.5 to 75 PSIG

9012GAW24 Datasheet (PDF)

Go To PDF Page Download Datasheet
9012GAW24 Datasheet PDF - Schneider Electric

Part # 9012GAW24
Download  9012GAW24 Click to download

File Size   113.28 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description 9012G, pressure switch 9012 g, adjustable scale, 2 thresholds, 1.5 to 75 PSIG

9012GAW24 Datasheet (HTML) - Schneider Electric


9012GAW24 Product details

Main
Range of Product 9012G
Pressure sensor type Electromechanical pressure switch
Pressure sensor name 9012G
Pressure Rating 75 psi (517.11 kPa)
Maximum pressure 240 psi
Contacts type and
composition
2(NC-NO), DPDT-DB, Form ZZ, snap action, silver
nickel contacts
Controlled fluid Hydraulic oil -40…250 °F (-40…121 °C))
Non-corrosive liquids
Air
Non-corrosive gas
Fluid connection type 0.25 inch 18 NPTF UL 508
Pressure switch type of
operation
Regulation between 2 thresholds
Scale type Adjustable differential
Local display Without

Complementary
Range on decreasing pressure 1.5…75 psi (10.34…517.11 kPa)
Approx adjustable differential at mid range 3.5…15 psi (24.13…103.42 kPa) +/- 2.5 % full scale
Cable entry 0.5 inch NPT conduit entrance
Terminal block type 8 screw terminals
Electrical connection Screw-clamp terminals, AWG 22...AWG 12
Electrical circuit type Control circuit
Local signalling Without
Line Rated Current 3 A 240 V AC A600 NEMA rating designation
6 A 120 V AC A600 NEMA rating designation
0.22 A 125 V DC R300 NEMA rating designation
0.11 A 250 V DC R300 NEMA rating designation
Setting Internal
Enclosure Material Die cast aluminium alloy 380
Pressure actuator Diaphragm nitrile (Buna-N)
Height 5.55 in (140.97 mm)
Depth 2.63 in (66.80 mm)
Width 3.5 in (88.90 mm)
Operating position Any position
Materials in contact with fluid Nitrile (Buna-N)
Zinc plated steel
Short-circuit protection 10 A cartridge overload and short-circuit protection gL
Maximum operating rate 120 cyc/mn
Mechanical durability 5000000 cycles
Repeat accuracy 4 %
Net Weight 3 lb(US) (1.36 kg)




Similar Part No. - 9012GAW24

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9012G-X-T92-B UTC-9012G-X-T92-B Datasheet
158Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
9012G-X-T92-K UTC-9012G-X-T92-K Datasheet
158Kb / 3P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS
More results


Similar Description - 9012GAW24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XMLB001R2S12EX SCHNEIDER-XMLB001R2S12EX Datasheet
130Kb / 1P
pressure switch XMLB - 1 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB002A2S12EX SCHNEIDER-XMLB002A2S12EX Datasheet
118Kb / 5P
pressure switch XMLB - 2 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB004A2S12EX SCHNEIDER-XMLB004A2S12EX Datasheet
118Kb / 5P
pressure switch XMLB - 4 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB010A2S12EX SCHNEIDER-XMLB010A2S12EX Datasheet
138Kb / 5P
pressure switch XMLB - 10 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB020A2S12EX SCHNEIDER-XMLB020A2S12EX Datasheet
140Kb / 5P
pressure switch XMLB - 20 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB035A2S12EX SCHNEIDER-XMLB035A2S12EX Datasheet
140Kb / 5P
pressure switch XMLB - 35 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB070D2S12EX SCHNEIDER-XMLB070D2S12EX Datasheet
140Kb / 5P
pressure switch XMLB - 70 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB160D2S12EX SCHNEIDER-XMLB160D2S12EX Datasheet
140Kb / 5P
pressure switch XMLB - 160 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB300D2S12EX SCHNEIDER-XMLB300D2S12EX Datasheet
140Kb / 5P
pressure switch XMLB - 300 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
XMLB500D2S12EX SCHNEIDER-XMLB500D2S12EX Datasheet
141Kb / 5P
pressure switch XMLB - 500 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com