Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTS1682 Datasheet (PDF) - Kinetic Technologies.

KTS1682 Datasheet PDF - Kinetic Technologies.
Part # KTS1682
Download  KTS1682 Download
File Size   436.99 Kbytes
Page   12 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 4 Amp Over-Voltage Protection IC with Sense Output

KTS1682 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTS1682 Datasheet PDF - Kinetic Technologies.

Part # KTS1682
Download  KTS1682 Click to download

File Size   436.99 Kbytes
Page   12 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 4 Amp Over-Voltage Protection IC with Sense Output

KTS1682 Datasheet (HTML) - Kinetic Technologies.


KTS1682 Product details

Features

• Wide Input voltage range: 2.3V to 28V
• Up to 4A Continuous current capability
• Integrated 38mΩ (typ) N-Channel MOSFET
• Wide Over-Voltage threshold range
 Fixed internal: 9.98V
 Adjustable: 4V to 22V
• Fast OVP response time: 0.1μs (typ.)
• Microphone Mode for audio signal on IN
• Internal 15ms Startup Debounce
• Integrated Surge Protection up to 100V
• Low Quiescent Current: 120μA (typ.)
• Thermal Shutdown and Short Circuit Protection
• Compliance to IEC61000-4-2 (Level 4)
 Contact: ±8kV
 Air Gap: ±15kV
• ESD Protection
 Human Body Model: ±2kV
• Pb-free Package: 12-Bump WLCSP
• -40°C to +85°C Temperature Range

Applications

• Smartphones
• Tablet
• Mobile Internet Devices, Peripherals

Brief Description

The KTS1682 over-voltage protection (OVP) device
features an ultra-low 38mΩ (typical) on-resistance high
current integrated MOSFET which actively protects lowvoltage
systems from voltage supply faults up to +28VDC.
An internal clamp protects the device from surges up to
100V.
An input voltage exceeding the over-voltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO input set below the external OVLO select
voltage, the KTS1682 automatically chooses the internal
fixed OVLO threshold, preset to 9.98V (typical). The overvoltage
protection threshold can be adjusted with optional
resistor divider to a voltage between 4V and 22V.
The device features a microphone mode which disables
the OVP switch and allows the microphone signal present
on the input to be output at VDET pin without an additional
multiplexer circuit. The KTS1682 is protected against overcurrent
faults by an internal over-temperature protection
shutdown feature.
The KTS1682 is available in a RoHS and Green compliant
12-Bump 1.288mm x 1.988mm x 0.64mm WLCSP




Similar Part No. - KTS1682

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680AEUZ-TR KINETIC-KTS1680AEUZ-TR Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1680CEUZ-TR KINETIC-KTS1680CEUZ-TR Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results


Similar Description - KTS1682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
MOSFET Driver IC with Over-Voltage Protection
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
Over Voltage Protection IC
logo
FSP TECHNOLOGY INC.
FSP100-50LG FSP-FSP100-50LG_15 Datasheet
145Kb / 1P
Output over voltage protection
logo
SynQor Worldwide Headqu...
BQ57120EZB38 SYNQOR-BQ57120EZB38 Datasheet
2Mb / 13P
Output over-voltage protection
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
Battery Output Current Sense Protection IC
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
Output Over-Voltage Protection Over Temperature Protection
logo
Kinetic Technologies.
KTS1668 KINETIC-KTS1668 Datasheet
494Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
July 2021 - Revision 03a
KTS1681 KINETIC-KTS1681 Datasheet
461Kb / 12P
4 Amp Over-Voltage Protection IC with Sense Output
August 2020 - Revision 04d
KTS1681A KINETIC-KTS1681A Datasheet
479Kb / 13P
4 Amp Over-Voltage Protection IC with Sense Output
December 2018 - Revision 04d
logo
Silicon Mitus, Inc.
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com