Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTS1693 Datasheet (PDF) - Kinetic Technologies.

KTS1693 Datasheet PDF - Kinetic Technologies.
Part # KTS1693
Download  KTS1693 Download
File Size   1076.53 Kbytes
Page   16 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Surge Protected Load Switch with OVP and OCP

KTS1693 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTS1693 Datasheet PDF - Kinetic Technologies.

Part # KTS1693
Download  KTS1693 Click to download

File Size   1076.53 Kbytes
Page   16 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Surge Protected Load Switch with OVP and OCP

KTS1693 Datasheet (HTML) - Kinetic Technologies.


KTS1693 Product details

Features

• Surge and ESD protected Input
 Surge Protection
■ IEC 61000-4-5: ±110V
 ESD Protection
■ IEC 61000-4-2 (Level 4)
• Contact: ±8kV
• Air Gap: ±15kV
• Human Body Model ±2kV
• Safety approvals
 UL 2367, file no. E515099-20210819
 IEC 62368-1, file no. DK-118085-UL
• Wide Input voltage range
 2.7V to 28V
• Low Quiescent Current 140μA typ.
• Integrated 9mΩ(typ) N-Ch MOSFET
• Fast turn-off response time 100ns
• Programmable OCP trip point: 1.0A ~ 6.0A
 8A maximum limit
• Flexible overvoltage trip-point options
 Fixed 5.95V or Adj. 4V to 22V
• Auto-enabled switch with typ. 0.7ms
debounce time
• Additional Under-voltage (UVLO), Short-circuit
and thermal shutdown protection
• Open-drain power good output
• Pb-free WLCSP-20 package
• RoHS and Green Compliant
• -40°C to +85°C Temperature Range

Applications

• Smartphones
• Tablet, Computers
• Mobile Internet Devices, Peripherals

Brief Description

The KTS1693 overvoltage protection device features an
ultra-low 9mΩ (typical) on-resistance high current
integrated MOSFET which actively protects low-voltage
systems from voltage supply faults up to +28VDC. An
internal clamp protects the device from surges up to
±110V.
An input voltage exceeding the overvoltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO pin input is set below the external OVLO
select voltage, the KTS1693 automatically chooses the
internal fixed OVLO threshold, preset to 5.95V (typical).
The overvoltage protection threshold is adjustable with an
optional resistor divider to a voltage between 4V and 22V.
The device includes an over-current protection (OCP)
circuit which is programmable via an external resistor.
The open-drain output ̅A̅̅C̅̅O̅̅̅K̅ indicates a stable supply
between the minimum supply voltage and OVLO threshold.
It also deasserts after 8ms if the switch is in OCP mode
when OC_MODE = Low. In case of a fault condition and
the device temperature exceeds the maximum junction
temperature, the device switches off. The KTS1693-1 has
a VDET pin instead of ̅A̅̅C̅̅O̅̅̅K̅ pin for VBUS detection
function. VDET pin provides a “clamped” output voltage
whenever a voltage appears on VIN, even if the power
switch is off due to an overvoltage condition.
The KTS1693 is available in a RoHS and Green compliant
20-Bump 2.160 x 1.935mm WLCSP.




Similar Part No. - KTS1693

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
KTS1690AEGAA-TA KINETIC-KTS1690AEGAA-TA Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
KTS1696A KINETIC-KTS1696A Datasheet
2Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
November 2021 - Revision 04b
KTS1696AEOAB-TR KINETIC-KTS1696AEOAB-TR Datasheet
2Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
November 2021 - Revision 04b
KTS1697A KINETIC-KTS1697A Datasheet
1Mb / 19P
7ARMS VBUS Current-Sink Protection Load Switch
January 2022 - Revision 04a
More results


Similar Description - KTS1693

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
QME48T35120 BEL-QME48T35120 Datasheet
1Mb / 19P
Fully protected (OTP, OCP, OVP, UVLO) with automatic recovery
logo
Kinetic Technologies.
KTS1640 KINETIC-KTS1640 Datasheet
722Kb / 14P
Load Switch with OVP and Reverse Polarity Protection
August 2022 - Revision 04f
KTS1656 KINETIC-KTS1656 Datasheet
134Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
January 2020 - Revision 04a
KTS1678B KINETIC-KTS1678B Datasheet
134Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04d
KTS1678C KINETIC-KTS1678C Datasheet
839Kb / 14P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04h
KTS1679 KINETIC-KTS1679 Datasheet
121Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 03e
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com