Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTS1605 Datasheet (PDF) - Kinetic Technologies.

KTS1605 Datasheet PDF - Kinetic Technologies.
Part # KTS1605
Download  KTS1605 Download
File Size   506.14 Kbytes
Page   11 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 5A Slew Rate Controlled Load Switch with Reverse Blocking

KTS1605 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTS1605 Datasheet PDF - Kinetic Technologies.

Part # KTS1605
Download  KTS1605 Click to download

File Size   506.14 Kbytes
Page   11 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 5A Slew Rate Controlled Load Switch with Reverse Blocking

KTS1605 Datasheet (HTML) - Kinetic Technologies.


KTS1605 Product details

Features

• Operating Range: 1.5V~5.5V
• Low RDS(ON) MOSFET: Typ. 13.4mΩ @ 3.3V
• Continuous DC current up to 5A
• Built-in slew rate controlled turn-on: 2.7ms
• Low quiescent current < 1μA
• ESD Protection
 Human Body Model : 8kV
 Charged Device Model : 2.0kV
 Compliance to IEC61000-4-2 Level 4
■ Contact Discharge : 8kV
■ Air Discharge : 15kV
• Output Auto Discharge when Disabled option (-1)
• Pb-Free Packages:
 WLCSP-6, 1.0 x 1.5mm
 RoHS and Green Compliant
• -40°C to +85°C Temperature Range

Applications

• Mobile Phones & Tablets
• SSD (Solid State Drive)
• Portable Instruments
• DSC, DVR, GPS

Brief Description

The KTS1605 is slew rate controlled load switch
designed for 1.5V to 5.5V operation. It features a
controlled soft-on slew rate of typical 2.7ms that
limits the inrush current for designs with heavy
capacitive loads and thereby minimizing any
resulting voltage droop at the power rails.
The very low RDS(ON) allows currents up to 5A, whilst
minimizing the power dissipation and voltage drop
from supply to load. The KTS1605 features an active
high enable pin, which is capable of interfacing
directly with low input control signals, without any
additional level shifting circuitry. The KTS1605 also
includes an active pull-down to ensure the device
remains off, should the enable be allowed to float.
The KTS1605 provides reverse blocking in the OFF
state to ensure that power supplies are not
discharged.
In addition, the KTS1605 has an option for output
auto discharge feature. This enables the device to
quickly discharge the output when the device is
disabled.
The KTS1605 is available in an optimized, lead-free,
RoHS and Green compliant, small 6-pin WLCSP 1.0
x 1.5mm package with 0.5mm pitch




Similar Part No. - KTS1605

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTS1601 KINETIC-KTS1601 Datasheet
465Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601EUM-1-TR KINETIC-KTS1601EUM-1-TR Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601EUM-1-TR KINETIC-KTS1601EUM-1-TR Datasheet
465Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601EUM-TR KINETIC-KTS1601EUM-TR Datasheet
465Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
More results


Similar Description - KTS1605

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
Load Switch with Controlled Slew Rate
logo
Fairchild Semiconductor
FPF1048 FAIRCHILD-FPF1048 Datasheet
1Mb / 3P
IntelliMAX??3A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
FPF1048 FAIRCHILD-FPF1048_13 Datasheet
405Kb / 3P
IntelliMAX??3 A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601 KINETIC-KTS1601 Datasheet
465Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com