Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTB8370 Datasheet (PDF) - Kinetic Technologies.

KTB8370 Datasheet PDF - Kinetic Technologies.
Part # KTB8370
Download  KTB8370 Download
File Size   200.54 Kbytes
Page   3 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 4.7V to 17V Input, 5A Synchronous Buck Regulators with AOT Control

KTB8370 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTB8370 Datasheet PDF - Kinetic Technologies.

Part # KTB8370
Download  KTB8370 Click to download

File Size   200.54 Kbytes
Page   3 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description 4.7V to 17V Input, 5A Synchronous Buck Regulators with AOT Control

KTB8370 Datasheet (HTML) - Kinetic Technologies.


KTB8370 Product details

Features

• Wide VIN Range: 4.7V to 17V
• Maximum Continuous Output Current: 5A
• Factory fixed Options for Output Voltage from 0.64V
to 5.5V with 40mV step, available by request
• Integrated High / Low-Side FETs (65mΩ / 35mΩ)
• Advanced Adaptive On-Time Control
• Fast Transient Response
• Open Drain Power Good Indicator
• ±0.5% Feedback Voltage Reference
• Zero Shutdown Supply Current
• 50μA Non-Switching Operating Quiescent Current
• 80μA No Load Operating Quiescent Current
• High Efficiency in Light Load and Heavy Load.
• Factory 300kHz, 500kHz, 800kHz, and 1MHz
Switching Frequency options available by request
• Internal Soft-Start
• Factory Forced CCM (FCCM) or automatic
CCM/PFM (Auto-Skip) Options
• Active discharge Mode option
• Built-in Cycle-by-Cycle Current Limit, Short Circuit
Protection, Input UVLO, Output Under-Voltage
Protection, Output Over-Voltage Protection, and
Thermal Shutdown Protection
• Small 20-bump WLCSP (1.7mm x 2.0mm) Package

Applications

• CPU, GPU, AP, DSP, FPGA, VIO, VSYS
• HDD, LPDDR3, LPDDR4 Memory Power
• Tablets, Netbooks, Ultra-Books, Mobile Internet
Devices, IoT, and Server.
• DSC, Drones, Gaming Consoles, TV Set Box

Description

KTB8370 is 5A, 17V synchronous buck regulators with
integrated high-side and low-side power FETs. The
device operates over a wide input voltage range to
support a variety of applications with input voltage from
regulated 5V and12V power rails and multicell batteries.
KTB8370 employs Kinetics’ proprietary advanced
adaptive on-time (AOT) control for fast transient
response and high output voltage accuracy. This control
technique eliminates external loop compensation
network and allows the use of ceramic output capacitors
without ripple-generating circuitry. These features
enable very small total solution size and make KTB8370
easy to use.
The device features an internal soft-start function to limit
inrush current during start-up. The device has
comprehensive built-in protection features including
input voltage UVLO, high-side cycle-by-cycle peak
current limit, low-side valley current limit, reverse
current protection, short-circuit protection, output overvoltage
protection, and thermal shutdown.
KTB8370 are available in RoHS and Green compliant
20-bump 1.7mm x 2.0mm x 0.6mm wafer-level chipscale
WLCSP20 package.




Similar Part No. - KTB8370

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTB8371 KINETIC-KTB8371 Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
KTB8371AEIB-5C-TR KINETIC-KTB8371AEIB-5C-TR Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
KTB8371BEIB-5C-TR KINETIC-KTB8371BEIB-5C-TR Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
KTB8371CEIB-5C-TR KINETIC-KTB8371CEIB-5C-TR Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
More results


Similar Description - KTB8370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Kinetic Technologies.
KTB8371 KINETIC-KTB8371 Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
logo
Diodes Incorporated
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
logo
Renesas Technology Corp
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com