Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTX-868-FSK Datasheet (PDF) - AUREL S.p.A.

RTX-868-FSK Datasheet PDF - AUREL S.p.A.
Part # RTX-868-FSK
Download  RTX-868-FSK Download
File Size   75.79 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description High Sensitivity & Power Down Functionality 868 MHz FSK Transceiver

RTX-868-FSK Datasheet (PDF)

Go To PDF Page Download Datasheet
RTX-868-FSK Datasheet PDF - AUREL S.p.A.

Part # RTX-868-FSK
Download  RTX-868-FSK Click to download

File Size   75.79 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description High Sensitivity & Power Down Functionality 868 MHz FSK Transceiver

RTX-868-FSK Datasheet (HTML) - AUREL S.p.A.


RTX-868-FSK Product details

DESCRIPTION
Digital data transceiver operating in the IMS bands:
Ÿ 868.0 ÷ 868.6 MHz
Ÿ 869.7 ÷ 870 MHz
FSK modulation and high efficiency integrated antenna.
It transmits data coming from proprietary protocols in
transparent mode with a data rate up to 9600 bps (NRZ) or 4800
with Manchester coding.
Main features: effective radiated power of 6 dBm, reception
sensitivity -108 dBm, voltage supply from 2.1 V to 3.6 V.
The device has a compact size in SMD format, available in reel for
automatic assembly.




Similar Part No. - RTX-868-FSK

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
RTX-8L3V-ASK AUREL-RTX-8L3V-ASK Datasheet
138Kb / 1P
Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
RTX-8L3V-FSK AUREL-RTX-8L3V-FSK Datasheet
138Kb / 1P
Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results


Similar Description - RTX-868-FSK

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Infineon Technologies A...
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
AUREL S.p.A.
650201424G AUREL-650201424G Datasheet
138Kb / 1P
Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com