Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCMD1000 Datasheet (PDF) - Vishay Siliconix

TCMD1000 Datasheet PDF - Vishay Siliconix
Part # TCMD1000_V01
Download  TCMD1000 Download
File Size   206.54 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package

TCMD1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCMD1000 Datasheet PDF - Vishay Siliconix

Part # TCMD1000_V01
Download  TCMD1000 Click to download

File Size   206.54 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package

TCMD1000 Datasheet (HTML) - Vishay Siliconix


TCMD1000 Product details

DESCRIPTION
The TCMD1000, TCMD4000 consist of a photodarlington
optically coupled to a gallium arsenide infrared-emitting
diodes in either a 4 pin or 16 pin miniflat package.
The elements provide a fixed distance between input and
output for highest safety requirements.

FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912

APPICLATIONS
• Programmable logic
• Modems
• Answering machines
• General applications

AGENCY APPROVALS
• UL1577, file no. E76222 system code M, double
protection
• CSA 22.2 bulletin 5A, double protection
• DIN EN 60747-5-5 (VDE 0884-5)
• FIMKO
• BSI




Similar Part No. - TCMD1000_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
TCMD1000 VISHAY-TCMD1000 Datasheet
377Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
26-Oct-04
TCMD1000 VISHAY-TCMD1000 Datasheet
265Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
11-Jan-08
More results


Similar Description - TCMD1000_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD4000 VISHAY-TCMD4000 Datasheet
377Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
26-Oct-04
TCMD4000 VISHAY-TCMD4000_08 Datasheet
265Kb / 7P
Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
11-Jan-08
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com