Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LH1550AT1 Datasheet (PDF) - Vishay Siliconix

LH1550AT1 Datasheet PDF - Vishay Siliconix
Part # LH1550AT1
Download  LH1550AT1 Download
File Size   189.72 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 Form A Solid-State Relay (Normally Open)

LH1550AT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH1550AT1 Datasheet PDF - Vishay Siliconix

Part # LH1550AT1
Download  LH1550AT1 Click to download

File Size   189.72 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 Form A Solid-State Relay (Normally Open)

LH1550AT1 Datasheet (HTML) - Vishay Siliconix


LH1550AT1 Product details

DESCRIPTION
The LH1550 is a single channel solid-state relay in a 6 pin
package. It is a SPST normally open switch (1 Form A) that
replaces electromechanical relays in many applications. It is
constructed using a GaAlAs LED for actuation control and
MOSFET switches for the output. In addition, it employs
current-limiting circuitry to provide overvoltage protection.

FEATURES
• Current limit protection
• Isolation test voltage 5300 VRMS
• Typical RON 22 Ω
• Load voltage 350 V
• Load current 100 mA
• Clean bounce free switching
• Low power consumption
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• General telecom switching
• Security equipment
• Instrumentation
• Industrial controls

AGENCY APPROVALS
• UL1577, file no. E52744




Similar Part No. - LH1550AT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1550AT1 VISHAY-LH1550AT1 Datasheet
126Kb / 6P
1 Form A High-Voltage Solid State Relay
26-Oct-04
LH1550AT1 VISHAY-LH1550AT1 Datasheet
141Kb / 6P
1 Form A High-Voltage Solid-State Relay
25-Jul-11
LH1550AT1 VISHAY-LH1550AT1 Datasheet
190Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1550AT1 VISHAY-LH1550AT1 Datasheet
190Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results


Similar Description - LH1550AT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1546AE VISHAY-LH1546AE Datasheet
146Kb / 9P
1 Form A Solid-State Relay (Normally Open)
29-Sep-2020
LH1546ADF VISHAY-LH1546ADF_V01 Datasheet
200Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1546AT VISHAY-LH1546AT_V01 Datasheet
167Kb / 9P
1 Form A Solid-State Relay (Normally Open)
29-Sep-2020
VOR1121A6 VISHAY-VOR1121A6_V01 Datasheet
147Kb / 9P
1 Form A Solid-State Relay (Normally Open)
29-Aug-16
LH1518AAB VISHAY-LH1518AAB_V01 Datasheet
196Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1500AT VISHAY-LH1500AT_V01 Datasheet
155Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
1 Form A Solid-State Relay (Normally Open)
07-Jul-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1546ADF VISHAY-LH1546ADF_V02 Datasheet
201Kb / 9P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
LH1550AAB1 VISHAY-LH1550AAB1_V02 Datasheet
190Kb / 10P
1 Form A Solid-State Relay (Normally Open)
05-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com