Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VOT8123AB-VT2 Datasheet (PDF) - Vishay Siliconix

VOT8123AB-VT2 Datasheet PDF - Vishay Siliconix
Part # VOT8123AB-VT2
Download  VOT8123AB-VT2 Download
File Size   184.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current

VOT8123AB-VT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOT8123AB-VT2 Datasheet PDF - Vishay Siliconix

Part # VOT8123AB-VT2
Download  VOT8123AB-VT2 Click to download

File Size   184.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current

VOT8123AB-VT2 Datasheet (HTML) - Vishay Siliconix


VOT8123AB-VT2 Product details

DESCRIPTION
The VOT8123A consists of a GaAs IRLED optically coupled
to a photosensitive TRIAC packaged in a DIP-6 package.
The VOT8123A isolates low-voltage logic from 120 VAC,
240 VAC, and 380 VAC lines to control resistive, inductive, or
capacitive loads including motors, solenoids, high current
thyristors or TRIAC and relays.

FEATURES
• High isolation distance on output
• High static dV/dt 1000 V/μs
• High input sensitivity IFT = 10 mA
• 100 mA on-state current
• 800 V peak off-state blocking voltage
• Isolation rated voltage 5000 VRMS
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Power TRIAC driver in solid-state relays
• 3-phase AC equipment
• Motor control
• Industrial control
• White goods / household equipment

AGENCY APPROVALS
• UL 1577
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option “V”
• CQC




Similar Part No. - VOT8123AB-VT2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOT8123AB-VT2 VISHAY-VOT8123AB-VT2 Datasheet
184Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results


Similar Description - VOT8123AB-VT2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
VOT8125AB VISHAY-VOT8125AB Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
11-May-2020
VOT8123AB VISHAY-VOT8123AB Datasheet
184Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8121AM VISHAY-VOT8121AM Datasheet
149Kb / 10P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
30-Oct-2018
VOT8121AB VISHAY-VOT8121AB Datasheet
210Kb / 12P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
19-Jan-2022
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8125AB VISHAY-VOT8125AB_V01 Datasheet
191Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
11-May-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com