Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEMD6010FX01 Datasheet (PDF) - Vishay Siliconix

TEMD6010FX01 Datasheet PDF - Vishay Siliconix
Part # TEMD6010FX01
Download  TEMD6010FX01 Download
File Size   118.23 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensors

TEMD6010FX01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMD6010FX01 Datasheet PDF - Vishay Siliconix

Part # TEMD6010FX01
Download  TEMD6010FX01 Click to download

File Size   118.23 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensors

TEMD6010FX01 Datasheet (HTML) - Vishay Siliconix


TEMD6010FX01 Product details

DESCRIPTION
TEMD6010FX01 ambient light sensor is a PIN photodiode
with high speed and high photo sensitivity in a clear, surface
mount plastic package. The detector chip has 0.27 mm2
sensitive area. It is sensitive to visible light much like the
human eye and has peak sensitivity at 540 nm.

FEATURES
• Package type: surface mount
• Package form: 1206
• Dimensions (L x W x H in mm): 4 x 2 x 1.05
• Radiant sensitive area (in mm2): 0.27
• AEC-Q101 qualified
• High photo sensitivity
• Adapted to human eye responsivity
• Supression filter for near infrared radiation
• Angle of half sensitivity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive sensors
• Ambient light sensors
• Backlight dimming
• Mobil phones
• Notebooks
• Computers




Similar Part No. - TEMD6010FX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
148Kb / 5P
Ambient Light Sensor, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released
13-Nov-08
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
123Kb / 5P
Ambient Light Sensor
24-Sep-09
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
118Kb / 5P
Ambient Light Sensor
20-Aug-12
TEMD6010FX01 VISHAY-TEMD6010FX01_09 Datasheet
123Kb / 5P
Ambient Light Sensor
24-Sep-09
More results


Similar Description - TEMD6010FX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6000 VISHAY-TEMT6000 Datasheet
116Kb / 5P
Ambient Light Sensor
08-Jul-04
TEMT6000X01 VISHAY-TEMT6000X01_09 Datasheet
150Kb / 6P
Ambient Light Sensor
26-Mar-09
TEPT5600 VISHAY-TEPT5600_10 Datasheet
107Kb / 5P
Ambient Light Sensor
18-Jun-10
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_09 Datasheet
429Kb / 14P
Ambient Light Sensor
ALS-PDIC17-77C-TR8 EVERLIGHT-ALS-PDIC17-77C-TR8 Datasheet
370Kb / 12P
Ambient Light Sensor
logo
Renesas Technology Corp
PH5553A2NA1 RENESAS-PH5553A2NA1_15 Datasheet
400Kb / 14P
Ambient Light Sensor
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
Ambient light
SFH2711A01 OSRAM-SFH2711A01 Datasheet
957Kb / 15P
Ambient Light Sensors
SFH2716A01 OSRAM-SFH2716A01 Datasheet
830Kb / 16P
Ambient Light Sensors
SFH2770A01 OSRAM-SFH2770A01 Datasheet
866Kb / 16P
Ambient Light Sensors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com