Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BH31MA3WHFV Datasheet (PDF) - Rohm

BH31MA3WHFV Datasheet PDF - Rohm
Part # BH31MA3WHFV
Download  BH31MA3WHFV Download
File Size   619.62 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1ch 300mA CMOS LDO Regulators

BH31MA3WHFV Datasheet (PDF)

Go To PDF Page Download Datasheet
BH31MA3WHFV Datasheet PDF - Rohm

Part # BH31MA3WHFV
Download  BH31MA3WHFV Click to download

File Size   619.62 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1ch 300mA CMOS LDO Regulators

BH31MA3WHFV Datasheet (HTML) - Rohm


BH31MA3WHFV Product details

General Description
BHxxMA3 series are high-performance CMOS LDO
regulators with output current ability of up to 300mA. These
devices have excellent noise characteristics despite of
their low circuit current consumption of 65μA. They are
most appropriate for various applications such as power
supplies for logic IC, RF, and camera modules.

Features
High Output Voltage Accuracy: ±1 %
(±25mV on VOUT<2.5V products)
Dropout voltage: 60mV (IOUT=100mA)
Compatible with small ceramic capacitor
Output Voltage ON/OFF Control
Built-in Over Current Protection Circuit (OCP)
Built-in Thermal Shutdown Circuit (TSD)
Ultra-small power package:HVSOF6

Applications
Battery-driven portable devices
Other electronic devices using microcontrollers or
logic circuits




Similar Part No. - BH31MA3WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH31MA3WHFV ROHM-BH31MA3WHFV Datasheet
352Kb / 6P
CMOS Type series regulator
BH31MA3WHFV-TR ROHM-BH31MA3WHFV-TR Datasheet
562Kb / 13P
1ch 300mA CMOS LDO Regulators
More results


Similar Description - BH31MA3WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
1ch 300mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com