Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC58TEG5DCJTAX0 Datasheet (PDF) - Toshiba Semiconductor

TC58TEG5DCJTAX0 Datasheet PDF - Toshiba Semiconductor
Part # TC58TEG5DCJTAX0
Download  TC58TEG5DCJTAX0 Download
File Size   784.98 Kbytes
Page   81 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet

TC58TEG5DCJTAX0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC58TEG5DCJTAX0 Datasheet PDF - Toshiba Semiconductor

Part # TC58TEG5DCJTAX0
Download  TC58TEG5DCJTAX0 Click to download

File Size   784.98 Kbytes
Page   81 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet

TC58TEG5DCJTAX0 Datasheet (HTML) - Toshiba Semiconductor


TC58TEG5DCJTAX0 Product details

1.1. General Description
Toggle DDR is a NAND interface for high performance applications which support data read and write operations
using bidirectional DQS.
Toggle DDR NAND has implemented ’Double Data Rate’ without a clock. It is compatible with functions and
command which have been supported in conventional type NAND(i.e. SDR NAND) while providing high data
transfer rate based on the high-speed Toggle DDR Interface and saving power with separated DQ voltage. For
applications that require high capacity and high performance NAND, Toggle DDR NAND is the most appropriate.
Toggle DDR1.0 NAND supports the interface speed of up to 100 MHz, which is faster than the data transfer rate
offered by SDR NAND. Toggle DDR NAND transfers data at high speed using DQS signal that behaves as a clock,
and DQS shall be used only when data is transferred for optimal power consumption.
This device supports both SDR interface and Toggle DDR interface. When starting, the device is activated in SDR
mode. The interface mode can be changed into Toggle DDR interface utilizing specific command issued by the Host.

1.3. Features
Organization
Part number TC58TEG5DCJ
TC58TEG5DCJTA00 (TOPER: 0~70℃)
TC58TEG5DCJTAI0 (TOPER : -40~+85℃)
Device capacity 17664 X 256 X 1060 X 8 bits
Page size 17664 Bytes
Block size (4M + 320 K) Bytes
Plane size 2396651520 Bytes
Plane per one LUN 1 Planes
LUN per one target 1 LUNs
Target per one device 1 targets
- Modes

Basic Operation
Page Read Operation (with Random Data Output), Data Out After Status Read, Sequential Cache Read
Operation, Random Cache Read Operation, Page Program Operation (with Random Data Input),
Cache Program Operation, Block Erase Operation, Copy-Back Program Operation (with Random Data Input),
Set Feature Operation, Get Feature Operation, Read ID Operation, Read Status Operation, Reset Operation,
Reset LUN Operation
Extend Operation
Page Copy (2) Operation, Device Identification Table Read Operation, Read Status Enhanced Operation, Read
LUN #0 Status Operation
- Mode control
Serial input/output
Command control
- Power supply
VCC = 2.7 V to 3.6 V
VCCQ = 2.7 V to 3.6 V / 1.7 V to 1.95V




Similar Part No. - TC58TEG5DCJTAX0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58TEG6DCJ TOSHIBA-TC58TEG6DCJ Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
TC58TEG6DCJTA00 TOSHIBA-TC58TEG6DCJTA00 Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
TC58TEG6DCJTAI0 TOSHIBA-TC58TEG6DCJTAI0 Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
TC58TEG6DDK TOSHIBA-TC58TEG6DDK Datasheet
2Mb / 121P
Semiconductor & Storage Products
2013-07-10 Rev. 0.6
TC58TEG6DDKTA00 TOSHIBA-TC58TEG6DDKTA00 Datasheet
2Mb / 121P
Semiconductor & Storage Products
2013-07-10 Rev. 0.6
More results


Similar Description - TC58TEG5DCJTAX0

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
logo
Toshiba Semiconductor
TX58TEGXDCJTAX0 TOSHIBA-TX58TEGXDCJTAX0 Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com