Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VHCT32AFK Datasheet (PDF) - Toshiba Semiconductor

TC74VHCT32AFK Datasheet PDF - Toshiba Semiconductor
Part # TC74VHCT32AFK
Download  TC74VHCT32AFK Download
File Size   309.52 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Quad 2-Input OR Gate

TC74VHCT32AFK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHCT32AFK Datasheet PDF - Toshiba Semiconductor

Part # TC74VHCT32AFK
Download  TC74VHCT32AFK Click to download

File Size   309.52 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Quad 2-Input OR Gate

TC74VHCT32AFK Datasheet (HTML) - Toshiba Semiconductor


TC74VHCT32AFK Product details

The TC74VHCT32A is an advanced high speed CMOS 2-INPUT OR
GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 4 stages including buffer output, which
provide high noise immunity and stable output.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3 V to 5 V
system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to
the input and output (Note) pins without regard to the supply voltage. These
structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
Note: VCC = 0 V

Features
 High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
 Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
 Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
 Power down protection is provided on all inputs and outputs.
 Balanced propagation delays: tpLH


tpHL
 Low noise: VOLP = 0.8 V (max)
 Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 32 type.




Similar Part No. - TC74VHCT32AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT32AF TOSHIBA-TC74VHCT32AF Datasheet
205Kb / 5P
QUAD 2-INPUT OR GATE
TC74VHCT32AF TOSHIBA-TC74VHCT32AF Datasheet
219Kb / 8P
Quad 2-Input OR Gate
TC74VHCT32AFN TOSHIBA-TC74VHCT32AFN Datasheet
205Kb / 5P
QUAD 2-INPUT OR GATE
TC74VHCT32AFN TOSHIBA-TC74VHCT32AFN Datasheet
219Kb / 8P
Quad 2-Input OR Gate
TC74VHCT32AFT TOSHIBA-TC74VHCT32AFT Datasheet
205Kb / 5P
QUAD 2-INPUT OR GATE
More results


Similar Description - TC74VHCT32AFK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com