Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584G80C3E0H0Y Datasheet (PDF) - STMicroelectronics

SPC584G80C3E0H0Y Datasheet PDF - STMicroelectronics
Part # SPC584G80C3E0H0Y
Download  SPC584G80C3E0H0Y Download
File Size   2455.38 Kbytes
Page   139 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC584G80C3E0H0Y Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC584G80C3E0H0Y Datasheet PDF - STMicroelectronics

Part # SPC584G80C3E0H0Y
Download  SPC584G80C3E0H0Y Click to download

File Size   2455.38 Kbytes
Page   139 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC584G80C3E0H0Y Datasheet (HTML) - STMicroelectronics


SPC584G80C3E0H0Y Product details

Features
• AEC-Q100 qualified
• High performance e200z4 triple core:
– 32-bit Power Architecture technology CPU
– Core frequency as high as 180 MHz
– Variable Length Encoding (VLE)
– Floating Point, End-to-End Error Correction
• 6582 KB (6144 KB code flash+ 256 KB data
flash) on-chip flash memory:
– supports read during program and erase
operations, and multiple blocks allowing
EEPROM emulation
– Supports read while read between the two
code Flash partitions.
• 608 KB on-chip general-purpose SRAM (in
addition to 160 KB core local data RAM): 64KB
in CPU_0, 64 KB in CPU_1 and 32 KB in
CPU_2
• 182 KB HSM dedicated flash memory (144 KB
code + 32 KB data)
• Multi-channel direct memory access controller
(eDMA)
– one eDMA with 64 channels
– one eDMA with 32 channels
• 1 interrupt controller (INTC)
• Comprehensive new generation ASIL-D safety
concept:
– ASIL-D of ISO 26262
– One CPU channel in lockstep
– Logic BIST
– FCCU for collection and reaction to failure
notifications
– Memory BIST
– Cyclic redundancy check (CRC) unit
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
• Crossbar switch architecture for concurrent
access to peripherals, Flash, or RAM from
multiple bus masters with end-to-end ECC
• Body cross triggering unit (BCTU)
– Triggers ADC conversions from any eMIOS
channel
– Triggers ADC conversions from up to 2
dedicated PIT_RTIs
• Enhanced modular IO subsystem (eMIOS): up
to 64 timed IO channels with 16-bit counter
resolution
• Enhanced analog-to-digital converter system
with:
– 4 independent fast 12-bit SAR analog
converters
– One supervisor 12-bit SAR analog
converter
– One standby 10-bit SAR analog converter
• Communication interfaces:
– 18 LINFlexD modules
– 10 deserial serial peripheral interface
(DSPI) modules
– 8 MCAN interfaces with advanced shared
memory scheme and ISO CAN-FD support
– Dual-channel FlexRay controller
– Two independent Ethernet controllers
10/100Mbps compliant IEEE 802.3-2008
• Low power capabilities
– Versatile low power modes
– Ultra low power standby with RTC
– Smart Wake-up Unit for contact monitoring
– Fast wakeup schemes
• Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for computational shell
• Nexus development interface (NDI) per IEEEISTO 5001-2003 standard, with some
support for 2010 standard
• Boot assist Flash (BAF) supports factory programming using a serial bootload through the
asynchronous CAN or LIN/UART
• Junction temperature range -40 °C to 150 °C

Description
The SPC584Gx, SPC58EGx, SPC58NGx microcontroller belongs to a family of devices
superseding the SPC56x family. SPC584Gx, SPC58EGx, SPC58NGx build on the legacy of
the SPC5x family, while introducing new features coupled with higher throughput to provide
substantial reduction of cost per feature and significant power and performance
improvement (MIPS per mW).




Similar Part No. - SPC584G80C3E0H0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results


Similar Description - SPC584G80C3E0H0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com