Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VEMD8080 Datasheet (PDF) - Vishay Siliconix

VEMD8080 Datasheet PDF - Vishay Siliconix
Part # VEMD8080
Download  VEMD8080 Download
File Size   166.17 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiodes

VEMD8080 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEMD8080 Datasheet PDF - Vishay Siliconix

Part # VEMD8080
Download  VEMD8080 Click to download

File Size   166.17 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiodes

VEMD8080 Datasheet (HTML) - Vishay Siliconix


VEMD8080 Product details

DESCRIPTION
VEMD8080 is a high speed and high sensitive PIN
photodiode with enhanced sensitivity for visible light. It is a
low profile surface-mount device (SMD) including the chip
with a 4.5 mm2 sensitive area detecting visible and near
infrared radiation.

FEATURES
• Package type: surface-mount
• Package form: top view
• Dimensions (L x W x H in mm): 4.8 x 2.5 x 0.48
• Radiant sensitive area (in mm2): 4.5
• 0.48 mm low profile package
• Enhanced sensitivity for visible light
• Suitable for visible and near infrared radiation
• Fast response times
• Angle of half sensitivity: ϕ = ± 65°
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• High speed photo detector
• Wearables




Similar Part No. - VEMD8080

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMD8080 VISHAY-VEMD8080 Datasheet
173Kb / 7P
Silicon PIN Photodiode
24-Apr-2018
VEMD8080 VISHAY-VEMD8080 Datasheet
166Kb / 7P
Silicon PIN Photodiode
24-Apr-2018
VEMD8080 VISHAY-VEMD8080_V02 Datasheet
166Kb / 7P
Silicon PIN Photodiode
24-Apr-2018
More results


Similar Description - VEMD8080

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
Silicon PIN Photodiodes
logo
List of Unclassifed Man...
CLD240 ETC1-CLD240 Datasheet
148Kb / 2P
Silicon PIN Photodiodes
logo
Clairex Technologies, I...
CLD240 CLAIREX-CLD240 Datasheet
152Kb / 2P
Silicon PIN Photodiodes
logo
Vishay Siliconix
VEMD2003X01 VISHAY-VEMD2003X01_V01 Datasheet
202Kb / 8P
Silicon PIN Photodiodes
04-Apr-13
VEMD2520X01 VISHAY-VEMD2520X01_V01 Datasheet
145Kb / 8P
Silicon PIN Photodiodes
18-Oct-11
VEMD5060X01 VISHAY-VEMD5060X01_V02 Datasheet
185Kb / 7P
Silicon PIN Photodiodes
21-Mar-16
VEMD5110X01 VISHAY-VEMD5110X01_V02 Datasheet
177Kb / 7P
Silicon PIN Photodiodes
21-Mar-16
VEMD6010X01 VISHAY-VEMD6010X01_V01 Datasheet
165Kb / 7P
Silicon PIN Photodiodes
23-Mar-2022
VEMD6160X01 VISHAY-VEMD6160X01_V01 Datasheet
161Kb / 7P
Silicon PIN Photodiodes
14-Jan-16
BPV23NF VISHAY-BPV23NF_V01 Datasheet
123Kb / 5P
Silicon PIN Photodiodes
24-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com