Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECS2HBC Datasheet (PDF) - Littelfuse

ECS2HBC Datasheet PDF - Littelfuse
Part # ECS2HBC
Download  ECS2HBC Download
File Size   387.55 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

ECS2HBC Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS2HBC Datasheet PDF - Littelfuse

Part # ECS2HBC
Download  ECS2HBC Click to download

File Size   387.55 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Current Monitoring Relays and Transducers

ECS2HBC Datasheet (HTML) - Littelfuse


ECS2HBC Product details

Description
The ECS Series of single-phase AC current sensors is a universal,
overcurrent or undercurrent sensing control. Its built-in toroidal
sensor eliminates the inconvenience of installing a stand-alone
current transformer. Includes onboard adjustments for current
sensing mode, trip point, and trip delay. Detects over or
undercurrent events like locked rotor, loss of load, an open heater
or lamp load, or proves an operation is taking place or has ended.
Operation
Input voltage must be supplied at all times for proper operation.
When a fault is sensed throughout the trip delay, the output
relay is energized. When the current returns to the normal run
condition or zero, the output and the delay are reset. If a fault is
sensed and then corrected before the trip delay is completed,
the relay will not energize and the trip delay is reset to zero.
Adjustment
Select the desired function, over or under current sensing.
Set the trip point and trip delay to approximate settings. Apply
power to the ECS and the monitored load. Turn adjustment and
watch the LED. LED will light; turn slightly in opposite direction
until LED is off. Adjustment can be done while connected to the
control circuitry if the trip delay is set at maximum. To increase
sensitivity, multiple turns may be made through the ECS’s
toroidal sensor. The appropriate trip point range is determined by
multiplying the amperage load by the number of turns/passes
through the toroidal sensor. When using an external CT, select
a 2VA, 0-5A output CT rated for the current to be monitored.
Select ECS adjustment range 0. Pass one secondary wire
lead through the ECS toroid and connect the secondary leads
together.

Features & Benefits
FEATURES BENEFITS
Built-in toroidal
current sensing
Eliminates need to install stand-alone
current transformer and provides isolation from
monitored circuit
Encapsulated Protects against shock, vibration, and humidity
Adjustable mode, trip
point and trip delay Provides flexibility for use in many applications
10A, SPDT isolated
relay output Allows control of AC voltage loads




Similar Part No. - ECS2HBC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECS203-1 L-COM-ECS203-1 Datasheet
68Kb / 1P
Y-BRIDGE (6X6)M/ 2 (6X6)F
1/17/2001
ECS204-1 L-COM-ECS204-1 Datasheet
76Kb / 1P
Y-BRIDGE (8X8)M/ 2 (8X8)F
1/17/2001
ECS205-1 L-COM-ECS205-1 Datasheet
63Kb / 1P
Y-SPLITTER (8X8)M/ 2 (8X4)F
1/17/2001
ECS206-1 L-COM-ECS206-1 Datasheet
69Kb / 1P
Y-SPLITTER (8X8)M/ 2 (8X4)F
1/17/2001
ECS207-1 L-COM-ECS207-1 Datasheet
69Kb / 1P
Y-SPLITTER TKN(8X8)M/ 2 (8X4)F
1/17/2001
More results


Similar Description - ECS2HBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com