Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR36503 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMR36503 Datasheet PDF - Texas Instruments
Part # LMR36503
Download  LMR36503 Download
File Size   2497.75 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ

LMR36503 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR36503 Datasheet PDF - Texas Instruments

Part # LMR36503
Download  LMR36503 Click to download

File Size   2497.75 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ

LMR36503 Datasheet (HTML) - Texas Instruments


LMR36503 Product details

1 Features
• Designed for rugged industrial applications:
– Junction temperature range –40°C to +150°C
– Input transient protection up to 70 V
– Wide input voltage range: 3.0 V (falling
threshold) to 65 V
– Low EMI and minimized switch node ringing
– Adjustable, 5-V fixed output voltage options
available
• Suited for scalable industrial power supplies:
– Pin compatible with LMR36506 (65 V, 600 mA)
– Adjustable switching frequency: 200 kHz to 2.2
MHz with RT pin variant
• Minimized solution size and cost:
– Highest power density with internal
compensation and reduced external component
count
– Ultra-small, 2-mm × 2-mm HotRod™ package
with wettable flanks available
• High efficiency across load range with low power
dissipation:
– > 90% peak efficiency at 1 MHz (5 VOUT
adjustable)
• Ultra-low operating quiescent current at no load
– 4 μA at 24 VIN to 3.3 VOUT (fixed output option)

2 Applications
• Factory automation: field transmitters and process
sensors
• Building automation: HVAC and fire safety
• Appliances: garden and power tools

3 Description
The LMR36503 is the industry smallest 65 V, 0.3
A synchronous step-down DC/DC converter in 2-
mm × 2-mm HotRod package. This easy-to-use
converter can handle input voltage transients up to
70 V, provide excellent EMI performance and support
fixed 5 V and other adjustable output voltages. The
transient tolerance reduces the necessary design
effort to protect against input overvoltage and meets
the surge immunity requirements of IEC 61000-4-5.
The LMR36503 uses the peak current mode control
architecture with internal compensation to maintain
stable operation with minimal output capacitance. The
LMR36503 with the right resistor selection from the
RT pin to ground can be externally programmed
to any desired switching frequency of operation
over a wide range from 200 kHz to 2.2 MHz. The
precision EN/UVLO feature allows precise control of
the device during the start-up and shutdown. The
power-good flag, with built-in glitch filter and delayed
release, offers a true indication of the system status,
eliminating the requirement for an external supervisor.
The compact solution size and rich feature set of
LMR36503 simplifies implementation for a wide range
of industrial applications.




Similar Part No. - LMR36503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR36503 TI1-LMR36503 Datasheet
517Kb / 28P
LMR36503 3 V??5 V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI1-LMR36503 Datasheet
563Kb / 31P
LMR36503-Q1 3 V??5 V, 0.3-A Synchronous Buck Converter Optimized for Size and Light Load Efficiency
LMR36503 TI-LMR36503 Datasheet
1Mb / 45P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503-Q1 TI1-LMR36503-Q1 Datasheet
75Kb / 4P
LMR36503-Q1 3 V??5 V, 0.3-A Buck Converter Optimized for Size and Light Load Efficiency
LMR36503-Q1 TI1-LMR36503-Q1 Datasheet
563Kb / 31P
LMR36503-Q1 3 V??5 V, 0.3-A Synchronous Buck Converter Optimized for Size and Light Load Efficiency
More results


Similar Description - LMR36503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LMR36506-Q1 TI1-LMR36506-Q1 Datasheet
91Kb / 6P
LMR36506-Q1 3 V - 65 V, 0.6-A Ultra-Small Synchronous Step-Down Converter with 4關A Iq
LMR36503 TI1-LMR36503 Datasheet
517Kb / 28P
LMR36503 3 V??5 V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36506 TI1-LMR36506 Datasheet
521Kb / 28P
LMR36506 3 V??5 V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com