Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPC-U2117 Datasheet (PDF) - Advantech Co., Ltd.

EPC-U2117 Datasheet PDF - Advantech Co., Ltd.
Part # EPC-U2117
Download  EPC-U2117 Download
File Size   594.12 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Intel Atom Platform Palm Size Fanless system

EPC-U2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC-U2117 Datasheet PDF - Advantech Co., Ltd.

Part # EPC-U2117
Download  EPC-U2117 Click to download

File Size   594.12 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Intel Atom Platform Palm Size Fanless system

EPC-U2117 Datasheet (HTML) - Advantech Co., Ltd.


EPC-U2117 Product details

Features
ƒ Intel® Atom Quad Core/Dual Core Processor
ƒ Palm-size form factor: 170 (L) x 117 (W) x 52.6 mm (H)
ƒ Supports 2 x LAN, 2 x COM port, 1 x HDMI, 1 x Display Port, 4 x USB3.0,
CANBus, and DCIN 12~24V
ƒ Built-in 1 x M.2 expansion slot (PCIe Gen2, USB 2.0 co-lay), 1 x Full size
Mini PCIe expansion slot
ƒ Support on-board eMMC and 1 x 2.5" HDD or SDD storage.
ƒ Support Wide Operating Temperature -20 ~ 60 °C (Optional)
ƒ Complete certification for EMC and Safety




Similar Part No. - EPC-U2117

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-U2217 ADVANTECH-EPC-U2217 Datasheet
574Kb / 2P
Intel Atom Platform Palm Size Fanless system
7-Apr-2022
EPC-U2217E4W-03Y20 ADVANTECH-EPC-U2217E4W-03Y20 Datasheet
574Kb / 2P
Intel Atom Platform Palm Size Fanless system
7-Apr-2022
More results


Similar Description - EPC-U2117

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1120LX ADVANTECH-ARK-1120LX_15 Datasheet
748Kb / 2P
Palm-size and All in One System Intel짰 Atom??N455 Fanless Embedded Box PC
logo
Axiomtek Co., Ltd.
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL_17 Datasheet
314Kb / 1P
Fanless Embedded System with Intel Atom E3826 or Intel Celeron J1900
EBOX626-842-FL AXIOMTEK-EBOX626-842-FL_17 Datasheet
314Kb / 1P
Fanless Embedded System with Intel Atom E3826 or Intel Celeron J1900
EBOX800-841-FL AXIOMTEK-EBOX800-841-FL_17 Datasheet
560Kb / 1P
Rugged IP67-rated Fanless Embedded System with Intel Atom Processor
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
Fanless Embedded System with Intel Atom Processor
logo
Advantech Co., Ltd.
EPC-S202 ADVANTECH-EPC-S202 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-U2217 ADVANTECH-EPC-U2217 Datasheet
574Kb / 2P
Intel Atom Platform Palm Size Fanless system
7-Apr-2022
EPC-U3233 ADVANTECH-EPC-U3233 Datasheet
529Kb / 2P
Intel 8th Gen U Series Palm-sized Fanless System
4-Nov-2021
UTX-3117 ADVANTECH-UTX-3117 Datasheet
703Kb / 2P
Intel Atom platform with Dual GbE LAN Fanless Compact Box
14-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com