Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1299/40C Datasheet (PDF) - Alpha Wire

1299/40C Datasheet PDF - Alpha Wire
Part # 1299/40C
Download  1299/40C Download
File Size   99.83 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1299/40C Datasheet (PDF)

Go To PDF Page Download Datasheet
1299/40C Datasheet PDF - Alpha Wire

Part # 1299/40C
Download  1299/40C Click to download

File Size   99.83 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1299/40C Datasheet (HTML) - Alpha Wire


1299/40C Product details

Construction
Diameters (In)
1) Component 1 40 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 15 RED/BLACK 29
WHITE/BLACK/B
ROWN
2 RED 16 WHITE/BLACK 30
WHITE/BLACK/O
RANGE
3 WHITE 17 WHITE/RED 31
WHITE/BLACK/S
LATE
4 GREEN 18 WHITE/GREEN 32
WHITE/BLACK/VI
OLET
5 ORANGE 19 WHITE/YELLOW 33
WHITE/BLACK/B
LACK
6 BLUE 20 WHITE/BLUE 34
WHITE/RED/BLA
CK
7 BROWN 21 WHITE/BROWN 35
WHITE/RED/RED
8 YELLOW 22 WHITE/ORANGE 36
WHITE/RED/GRE
EN
9 VIOLET 23 WHITE/SLATE 37
WHITE/RED/BLU
E
10 SLATE 24 WHITE/VIOLET 38
WHITE/RED/BRO
WN
11 PINK 25
WHITE/BLACK/R
ED
39
WHITE/RED/VIOL
ET
12 TAN 26
WHITE/BLACK/G
REEN
40
WHITE/GREEN/B
LACK
13 RED/GREEN 27
WHITE/BLACK/Y
ELLOW
14 RED/YELLOW 28
WHITE/BLACK/B
LUE
2) Cable Assembly 40 Components Cabled
a) Twists: 2.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield: Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 22 (7/30) AWG Tinned Copper
4) Jacket 0.032" Wall, Nom.,PVC 0.433 (0.456 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1299/40C 40C 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2576 --- LLXXXXXX
CSA TYPE CMG FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 1299/40C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1299/10C ALPHAWIRE-1299/10C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
1299/10C SL001 ALPHAWIRE-1299/10C SL001 Datasheet
345Kb / 4P
Customer Specification
5/19/2017
1299/15C ALPHAWIRE-1299/15C Datasheet
98Kb / 4P
Customer Specification
12/2/2022
1299/20C ALPHAWIRE-1299/20C Datasheet
98Kb / 4P
Customer SpecificationS
12/2/2022
1299/25C ALPHAWIRE-1299/25C Datasheet
98Kb / 4P
Customer SpecificationS
12/2/2022
More results


Similar Description - 1299/40C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com