Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NL17SZ07DFT2G Datasheet (PDF) - ON Semiconductor

NL17SZ07DFT2G Datasheet PDF - ON Semiconductor
Part # NL17SZ07DFT2G
Download  NL17SZ07DFT2G Download
File Size   160.19 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Non-Inverting Buffer with Open Drain Output

NL17SZ07DFT2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NL17SZ07DFT2G Datasheet PDF - ON Semiconductor

Part # NL17SZ07DFT2G
Download  NL17SZ07DFT2G Click to download

File Size   160.19 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single Non-Inverting Buffer with Open Drain Output

NL17SZ07DFT2G Datasheet (HTML) - ON Semiconductor


NL17SZ07DFT2G Product details

The NL17SZ07 is a single non−inverting buffer with open drain
outputs in tiny footprint packages.

Features
• Designed for 1.65 V to 5.5 V VCC Operation
• 2.1 ns tPD at VCC = 5 V (typ)
• Input/Output Overvoltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Sink 24 mA at 3.0 V
• Available in SC−88A, SC−74A, SOT−553, SOT−953 and UDFN6
Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NL17SZ07DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07DFT2G ONSEMI-NL17SZ07DFT2G Datasheet
141Kb / 6P
Single Non?묲nverting Buffer with Open Drain Output
August, 2005 ??Rev. 5
NL17SZ07DFT2G ONSEMI-NL17SZ07DFT2G Datasheet
122Kb / 6P
Single Non?묲nverting Buffer with Open Drain Output
March, 2006 ??Rev. 7
NL17SZ07DFT2G ONSEMI-NL17SZ07DFT2G Datasheet
107Kb / 6P
Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
NL17SZ07DFT2G ONSEMI-NL17SZ07DFT2G Datasheet
86Kb / 8P
Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
NL17SZ07DFT2G ONSEMI-NL17SZ07DFT2G Datasheet
191Kb / 13P
Single Non-Inverting Buffer
November, 2018 ??Rev. 18
More results


Similar Description - NL17SZ07DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com