Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW2206-20 Datasheet (PDF) - Renesas Technology Corp

IW2206-20 Datasheet PDF - Renesas Technology Corp
Part # IW2206-20
Download  IW2206-20 Download
File Size   561.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Perfomance Digital Power Factor Correction Controller for AC/DC Power Supplies

IW2206-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW2206-20 Datasheet PDF - Renesas Technology Corp

Part # IW2206-20
Download  IW2206-20 Click to download

File Size   561.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Perfomance Digital Power Factor Correction Controller for AC/DC Power Supplies

IW2206-20 Datasheet (HTML) - Renesas Technology Corp


IW2206-20 Product details

● Universal AC input voltage range 90VAC ~ 305VAC
● Supports up to 250W output power in tiny SOT-23-6
package
● AC line and load regulation < ±3%
● PF > 0.9 and THD < 20% across AC line voltage when
> 33% of full load
● Fast PFC ready time < 0.2s
● Standby power < 150mW at 230VAC input up to 100W
● Minimum audible noise across AC line and load
condition, and during load transient or startup
● Configurable output DC bus voltage
● Wide operating supply voltage (VVCC) range from 8.0V to 20V
● Comprehensive protection features
x Output over-voltage protection
x Output over-power protection
x AC over-voltage protection
x AC under-voltage protection (Brown-out)
x Cycle-by-cycle peak current limit
x Loop-open protection
x Current-sense-resistor short protection
x Over-temperature protection
Applications
● Two-stage LED lighting drivers
● Two-stage adapters, AC/DC power supplies




Similar Part No. - IW2206-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW2128-485 ETC2-IW2128-485 Datasheet
203Kb / 2P
Serial-to-WiFi Device Server
logo
XP Power Limited
IW2403SA XPPOWER-IW2403SA Datasheet
260Kb / 2P
DC-DC Power Supplies
IW2405SA XPPOWER-IW2405SA Datasheet
260Kb / 2P
DC-DC Power Supplies
IW2409SA XPPOWER-IW2409SA Datasheet
260Kb / 2P
DC-DC Power Supplies
IW2412SA XPPOWER-IW2412SA Datasheet
260Kb / 2P
DC-DC Power Supplies
More results


Similar Description - IW2206-20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
Power Factor Correction Controller
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
POWER FACTOR CORRECTION CONTROLLER
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Analog Devices
ADP1048W AD-ADP1048W Datasheet
1Mb / 82P
Digital Power Factor Correction Controller with Accurate AC Power Metering
8/14-Revision 0
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com