Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

306-006-500-104 Datasheet (PDF) - EDAC, All Rights Reserved.

306-006-500-104 Datasheet PDF - EDAC, All Rights Reserved.
Part # 306-006-500-104
Download  306-006-500-104 Download
File Size   111.8 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height

306-006-500-104 Datasheet (PDF)

Go To PDF Page Download Datasheet
306-006-500-104 Datasheet PDF - EDAC, All Rights Reserved.

Part # 306-006-500-104
Download  306-006-500-104 Click to download

File Size   111.8 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height

306-006-500-104 Datasheet (HTML) - EDAC, All Rights Reserved.


306-006-500-104 Product details

Features


  • .156" (3.96mm) Contact Spacing with Single Centreline Row

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • Low Profile Insulator Body, .460" (11.68mm)

  • Contact Termination Options include P.C. Tail & Wire Hole

  • Large Variety of Mounting Options

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • RoHS Compliant & UL Certified




Similar Part No. - 306-006-500-104

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
306-006-500-104 EDAC-306-006-500-104 Datasheet
478Kb / 3P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results


Similar Description - 306-006-500-104

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
306-006-520-102 EDAC-306-006-520-102 Datasheet
110Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-520-178 EDAC-306-006-520-178 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-521-158 EDAC-306-006-521-158 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-521-178 EDAC-306-006-521-178 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-500-102 EDAC-306-007-500-102 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-500-108 EDAC-306-007-500-108 Datasheet
113Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-500-178 EDAC-306-007-500-178 Datasheet
113Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-520-107 EDAC-306-007-520-107 Datasheet
111Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-520-108 EDAC-306-007-520-108 Datasheet
112Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-521-107 EDAC-306-007-521-107 Datasheet
111Kb / 2P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com